Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT6X2 Datasheet(PDF) 1 Page - Rohm

Part # VT6X2
Description  Power management (dual transistors)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

VT6X2 Datasheet(HTML) 1 Page - Rohm

  VT6X2 Datasheet HTML 1Page - Rohm VT6X2 Datasheet HTML 2Page - Rohm VT6X2 Datasheet HTML 3Page - Rohm VT6X2 Datasheet HTML 4Page - Rohm VT6X2 Datasheet HTML 5Page - Rohm VT6X2 Datasheet HTML 6Page - Rohm VT6X2 Datasheet HTML 7Page - Rohm VT6X2 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VT6X2 / EMX52
Power management (dual transistors)
Datasheet
l
lOutline
Parameter
Tr1 and Tr2
VMT6
EMT6
VCEO
50V
 
 
 
 
IC
100mA
 
 
VT6X2
EMX52
(SC-107C)
                                           
l
lFeatures
l
lInner circuit
1) General Purpose.
2) Two 2SCR523 chips in one package.
3) Transister elements are independent, eliminating
interface.
4) Mounting cost and area can be cut in half.
5) Lead Free/RoHS Compliant.
l
lApplication
Switching, LED driver
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
VT6X2
VMT6
1212
T2R
180
8
8000
X2
EMX52
EMT6
1616
T2R
180
8
8000
X52
 
 
 
 
 
 
 
 
                                                                                         
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
1/7
20130905 - Rev.002


Similar Part No. - VT6X2

ManufacturerPart #DatasheetDescription
logo
Rohm
VT6X2 ROHM-VT6X2 Datasheet
205Kb / 3P
Power management (dual transistors)
VT6X2 ROHM-VT6X2 Datasheet
1Mb / 10P
Power management (dual transistors)
20151204 - Rev.002
VT6X2T2R ROHM-VT6X2T2R Datasheet
1Mb / 10P
Power management (dual transistors)
20151204 - Rev.002
VT6X2 ROHM-VT6X2_V01 Datasheet
1Mb / 10P
Power management (dual transistors)
20151204 - Rev.002
More results

Similar Description - VT6X2

ManufacturerPart #DatasheetDescription
logo
Rohm
UMF6N ROHM-UMF6N Datasheet
99Kb / 6P
Power management (dual transistors)
EMF6 ROHM-EMF6 Datasheet
97Kb / 5P
Power management (dual transistors)
EMF4 ROHM-EMF4 Datasheet
100Kb / 5P
Power management (dual transistors)
EMF5 ROHM-EMF5 Datasheet
99Kb / 5P
Power management (dual transistors)
EMF8 ROHM-EMF8 Datasheet
83Kb / 5P
Power management (dual transistors)
UMY4N ROHM-UMY4N Datasheet
61Kb / 2P
Power management (dual transistors)
VT6X12 ROHM-VT6X12 Datasheet
191Kb / 3P
Power management (dual transistors)
EMF5 ROHM-EMF5_08 Datasheet
89Kb / 5P
Power management (dual transistors)
VT6X1 ROHM-VT6X1_13 Datasheet
1Mb / 8P
Power management (dual transistors)
EMZ2T2R ROHM-EMZ2T2R Datasheet
85Kb / 5P
Power management (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com