Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5171BRJZ5-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5171BRJZ5-R7
Description  64-Position OTP Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5171BRJZ5-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5171BRJZ5-R7 Datasheet HTML 9Page - Analog Devices AD5171BRJZ5-R7 Datasheet HTML 10Page - Analog Devices AD5171BRJZ5-R7 Datasheet HTML 11Page - Analog Devices AD5171BRJZ5-R7 Datasheet HTML 12Page - Analog Devices AD5171BRJZ5-R7 Datasheet HTML 13Page - Analog Devices AD5171BRJZ5-R7 Datasheet HTML 14Page - Analog Devices AD5171BRJZ5-R7 Datasheet HTML 15Page - Analog Devices AD5171BRJZ5-R7 Datasheet HTML 16Page - Analog Devices AD5171BRJZ5-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD5171
Rev. D | Page 13 of 24
VARIABLE RESISTANCE AND VOLTAGE FOR
RHEOSTAT MODE
If only the W-to-B or W-to-A terminals are used as variable
resistors, the unused terminal can be opened or shorted with
Terminal W. This operation is called rheostat mode (see Figure 26).
A
W
B
A
W
B
A
W
B
Figure 26. Rheostat Mode Configuration
The nominal resistance (RAB) of the RDAC has 64 contact points
accessed by the wiper terminal, plus Terminal B contact if RWB is
considered. The 6-bit data in the RDAC latch is decoded to
select one of the 64 settings. Assuming that a 10 kΩ part is used,
the first connection of the wiper starts at Terminal B for Data 0x00.
Such a connection yields a minimum of 60 Ω resistance between
Terminal W and Terminal B due to the 60 Ω wiper contact
resistance. The second connection is the first tap point, which
corresponds to 219 Ω (RWB = 1 × RAB/63 + RW) for Data 0x01,
and so on. Each LSB data value increase moves the wiper up
the resistor ladder until the last tap point is reached at 10,060 Ω
(63 × RAB/63 + RW). Figure 27 shows a simplified diagram of the
equivalent RDAC circuit. The general equation determining RWB is
W
AB
WB
R
R
D
D
R
+
×
=
63
)
(
(1)
where:
D is the decimal equivalent of the 6-bit binary code.
RAB is the end-to-end resistance.
RW is the wiper resistance contributed by the on-resistance of
the internal switch.
Table 6. RWB vs. Codes: RAB = 10 kΩ; Terminal A Open
D (Dec)
RWB (Ω)
Output State
63
10060
Full-scale (RAB + RW)
32
5139
Midscale
1
219
1 LSB
0
60
Zero-scale (wiper contact resistance)
Because a finite wiper resistance of 60 Ω is present in the zero-
scale condition, care should be taken to limit the current flow
between Terminal W and Terminal B in this state to a maximum
pulse current 20 mA. Otherwise, degradation or possible
destruction of the internal switch contact can occur.
Similar to the mechanical potentiometer, the resistance of the
RDAC between the wiper (Terminal W) and Terminal A also
produces a complementary resistance, RWA. When these terminals
are used, Terminal B can be opened or shorted to Terminal W.
Setting the resistance value for RWA starts at a maximum value
of resistance and decreases as the data loaded in the latch
increases in value. The general equation for this operation is
W
AB
WA
R
R
D
D
R
+
×
−
=
63
63
)
(
(2)
Table 7. RWA vs. Codes: RAB = 10 kΩ; Terminal B Open
D (Dec)
RWA (Ω)
Output State
63
60
Full-scale
32
4980
Midscale
1
9901
1 LSB
0
10060
Zero-scale
The typical distribution of the resistance tolerance from device
to device is process-lot dependent; it is possible to have ±30%
tolerance.
RS
RS
RS
A
W
B
D5
D4
D3
D2
D1
D0
RDAC
LATCH
AND
DECODER
Figure 27. AD5171 Equivalent RDAC Circuit
VARIABLE RESISTANCE AND VOLTAGE FOR
POTENTIOMETER MODE
If all three terminals are used, the operation is called the
potentiometer mode. The most common configuration is the
voltage divider operation (see Figure 28).
A
W
B
VI
VO
Figure 28. Potentiometer Mode Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com