Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5171BRJ10-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5171BRJ10-R2
Description  64-Position OTP Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5171BRJ10-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD5171BRJ10-R2 Datasheet HTML 1Page - Analog Devices AD5171BRJ10-R2 Datasheet HTML 2Page - Analog Devices AD5171BRJ10-R2 Datasheet HTML 3Page - Analog Devices AD5171BRJ10-R2 Datasheet HTML 4Page - Analog Devices AD5171BRJ10-R2 Datasheet HTML 5Page - Analog Devices AD5171BRJ10-R2 Datasheet HTML 6Page - Analog Devices AD5171BRJ10-R2 Datasheet HTML 7Page - Analog Devices AD5171BRJ10-R2 Datasheet HTML 8Page - Analog Devices AD5171BRJ10-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD5171
Rev. D | Page 5 of 24
TIMING CHARACTERISTICS: 5 kΩ, 10 kΩ, 50 kΩ, AND 100 kΩ
VDD = 3 V to 5 V ± 10%, VA = VDD, VB = 0 V, −40°C < TA < +125°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
INTERFACE TIMING CHARACTERISTICS (APPLY TO ALL PARTS2, 3)
SCL Clock Frequency
fSCL
400
kHz
tBUF Bus Free Time Between Start and Stop
t1
1.3
μs
tHD;STA Hold Time (Repeated Start)
t2
After this period, the
first clock pulse is generated
0.6
μs
tLOW Low Period of SCL Clock
t3
1.3
μs
tHIGH High Period of SCL Clock
t4
0.6
50
μs
tSU;STA Setup Time for Start Condition
t5
0.6
μs
tHD;DAT Data Hold Time
t6
0.9
μs
tSU;DAT Data Setup Time
t7
0.1
μs
tF Fall Time of Both SDA and SCL Signals
t8
0.3
μs
tR Rise Time of Both SDA and SCL Signals
t9
0.3
μs
tSU;STO Setup Time for Stop Condition
t10
0.6
μs
OTP Program Time
t11
400
ms
1 Typical specifications represent average readings at 25°C and VDD = 5 V.
2 Guaranteed by design; not subject to production test.
3 All dynamic characteristics use VDD = 5 V.
SCL
SDA
t1
t2
t3
t8
t8
t9
t4
t5
t9
t7
t6
t10
P
PS
Figure 3. Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com