Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9241ASZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9241ASZ
Description  Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9241ASZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9241ASZ Datasheet HTML 2Page - Analog Devices AD9241ASZ Datasheet HTML 3Page - Analog Devices AD9241ASZ Datasheet HTML 4Page - Analog Devices AD9241ASZ Datasheet HTML 5Page - Analog Devices AD9241ASZ Datasheet HTML 6Page - Analog Devices AD9241ASZ Datasheet HTML 7Page - Analog Devices AD9241ASZ Datasheet HTML 8Page - Analog Devices AD9241ASZ Datasheet HTML 9Page - Analog Devices AD9241ASZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD9241
REV. 0
–6–
Typical Differential AC Characterization Curves/Plots
(AVDD = +5 V, DVDD = +5 V, DRVDD = +5 V, fSAMPLE =
1.25 MSPS, TA = +25 C, Differential Input)
INPUT FREQUENCY – MHz
80
75
40
0.01
0.1
10.0
1.0
70
65
45
60
55
50
–0.5dBFS
–6.0dBFS
–20dBFS
Figure 2. SINAD vs. Input Frequency
(Input Span = 5 V, VCM = 2.5 V)
INPUT FREQUENCY – MHz
80
75
40
0.01
0.1
10.0
1.0
70
65
45
60
55
50
–0.5dBFS
–6.0dBFS
–20.0dBFS
Figure 5. SINAD vs. Input Frequency
(Input Span = 2 V, VCM = 2.5 V)
SAMPLE RATE – MSPS
–40
–100
0.1
1.0
10.0
–50
–80
–60
–70
–90
5V SPAN
2V SPAN
Figure 8. THD vs. Sample Rate
(fIN = 0.3 MHz, AIN = –0.5 dBFS,
VCM = 2.5 V)
–0.5dBFS
–6.0dBFS
–20.0dBFS
INPUT FREQUENCY – MHz
–40
–50
–100
0.01
0.1
10.0
1.0
–70
–80
–90
–60
Figure 3. THD vs. Input Frequency
(Input Span = 5 V, VCM = 2.5 V)
–0.5dBFS
–6.0dBFS
–20.0dBFS
INPUT FREQUENCY – MHz
–40
–50
–100
0.01
0.1
10.0
1.0
–70
–80
–90
–60
Figure 6. THD vs. Input Frequency
(Input Span = 2 V, VCM = 2.5 V)
AIN – dBFS
110
40
–45 –39
–33
–27
–21
–15
100
90
80
60
50
70
dBc - 5V
dBFS - 5V
dBc - 2V
dBFS - 5V
–9
–3
0
Figure 9. Single Tone SFDR
(fIN = 0.6 MHz, VCM = 2.5 V)
8
FUND
5
3
2
6
7
9
4
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
FREQUENCY – kHz
–110
–120
–130
–140
–150
–160
–170
100
200
300
400
500
600
Figure 4. Typical FFT, fIN
500 kHz
(Input Span = 5 V, VCM = 2.5 V)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
FREQUENCY – kHz
–110
–120
–130
–140
–150
–160
–170
100
200
300
400
500
600
FUND
6
7
3
2
5
8
9
4
Figure 7. Typical FFT, fIN
500 kHz
(Input Span = 2 V, VCM = 2.5 V)
INPUT POWER LEVEL (f1 = f2) – dBFS
110
60
–40
–35
0
–30
–25
–20
–15
–10
–5
105
90
85
75
65
100
95
80
70
5V SPAN - dBFS
5V SPAN - dBc
2V SPAN - dBFS
2V SPAN - dBc
Figure 10. Dual Tone SFDR
(f1 = 0.5 MHz, f2 = 0.6 MHz,
VCM = 2.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com