Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-7630 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-7630
Description  One-Chip Bluetooth SoC LaserStream Navigation Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-7630 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-7630 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2
Theory of Operation
ADNS-7630 is based on LaserStream navigation tech-
nology that measures changes in position by optically
acquiring sequential surface images (per frames) and
mathematically determining the direction and magni-
tude of motion movement. It contains an Image Acqui-
sition System (IAS), a Digital Signal Processor (DSP) and
Bluetooth HID stream output. Images acquired by the
IAS are processed by the DSP to determine the direction
and distance of motion. The DSP generates the
Δx and Δy
relative displacement values which are converted to Blue-
tooth HID data. The motion data and buttons input status
are then transmitted in wireless mode to the Bluetooth.
Ordering Information
Part Number
Packaging Type
Minimum Order Quantity
ADNS-7630
Tube
1000 units per tube
ADNS-7630-TR
Tape and Reel
4000 units per roll
Figure 1a. ADNS-7630-TR Tape and Reel Packaging Dimension
Notes:
1. Ao & Bo measured at 0.3mm
above base of pocket.
2. 10 pitches cumulative tol. ±0.2mm.
3. ( ) Reference dimensions only.
2.00 ±0.10
Ko
SECTION BB
SECTION AA
(5°)
Ao
B
B
AA
Ø1.55 ±0.05
4.00 ±0.10 SEE NOTE #2
12.00 ±0.10
Ø1.50 (MIN.)
Ao: 8.14
Bo: 11.70
Ko: 3.80
Pitch: 12.00
Width: 24.00
Features (continued)
• Mechanical and optical Z-Wheel interface for vertical
scroll
• Tilt-Wheel function for horizontal scroll
• 12-bit Bluetooth HID motion data reporting
• Customizable SDP Service Name, Service Description,
Provider Name, VID, PID, & Bluetooth Address
• 4-axis sensor rotations: 0°, 90°, 180° or 270°
• Resolution:
– Programmable from 250-3000 counts per inch (cpi)
with 250cpi incremental step
– Up to 10 selections of On-the-Fly (OTF) resolution
mode setting
Disclaimer: All designers and manufacturers of final product with tilt
wheel enabled must assure that they have all necessary intellectual
property rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com