Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPF4393 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPF4393
Description  N-CHANNEL JFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPF4393 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPF4393 Datasheet HTML 1Page - Central Semiconductor Corp CMPF4393 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
146
SOT-23 CASE
CMPF4391
CMPF4392
CMPF4393
N-CHANNEL JFET
MAXIMUM RATINGS (TA=25
oC)
SYMBOL
UNITS
Drain-Gate Voltage
VGD
40
V
Gate-Source Voltage
VGS
40
V
Drain-Source Voltage
VDS
40
V
Gate Current
IG
50
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
oC
Thermal Resistance
ΘJA
357
oC/W
ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
CMPF4391
CMPF4392
CMPF4393
SYMBOL TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX UNITS
IGSS
VGS=20V
0.1
0.1
0.1
nA
IGSS
VGS=20V, TA=100
oC
0.2
0.2
0.2
µA
IDSS
VDS=20V
50
150
25
75
5.0
30
mA
ID(OFF)
VDS=20V, VGS=12V
0.1
-
-
nA
ID(OFF)
VDS=20V, VGS=7.0V
-
0.1
-
nA
ID(OFF)
VDS=20V, VGS=5.0V
-
-
0.1
nA
ID(OFF)
VDS=20V, VGS=12V,TA=100
oC
0.2
-
-
µA
ID(OFF)
VDS=20V, VGS=7.0V, TA=100
oC
-
0.2
-
µA
ID(OFF)
VDS=20V, VGS=5.0V, TA=100
oC
-
-
0.2
µA
BVGSS
IG=1.0µA
40
40
40
V
VGS(OFF) VDS=20V, ID=1.0nA
4.0
10
2.0
5.0
0.5
3.0
V
VGS(f)
IG=1.0mA
1.0
1.0
1.0
V
VDS(ON) ID=12mA
0.4
-
-
V
VDS(ON) ID=6.0mA
-
0.4
-
V
VDS(ON) ID=3.0mA
-
-
0.4
V
DESCRIPTION:
The
CENTRAL
SEMICONDUCTOR
CMPF4391 series types are N-Channel Silicon
Field Effect Transistors manufactured by the
epitaxial planar process, epoxy molded in a
surface mount package, designed for switching
applications.
Marking Codes are 6J, 6K, and 6G
Respectively.


Similar Part No. - CMPF4393

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPF4393 CENTRAL-CMPF4393 Datasheet
333Kb / 2P
SURFACE MOUNT N-CHANNEL SILICON JFET
CMPF4393 CENTRAL-CMPF4393 Datasheet
333Kb / 2P
SURFACE MOUNT N-CHANNEL SILICON JFET
More results

Similar Description - CMPF4393

ManufacturerPart #DatasheetDescription
logo
Micross Components
J210_TO-92 MICROSS-J210_TO-92 Datasheet
278Kb / 1P
N-CHANNEL JFET
J212_TO-92 MICROSS-J212_TO-92 Datasheet
277Kb / 1P
N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5907_TO-71 MICROSS-LS5907_TO-71 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
N-CHANNEL JFET
LS5912_SOT-23 MICROSS-LS5912_SOT-23 Datasheet
275Kb / 1P
N-CHANNEL JFET
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
N-CHANNEL JFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com