Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC01 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CPC01
Description  Silicon Carbide Schottky Rectifier Die 10 Amp, 1200 Volt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPC01 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CPC01 Datasheet HTML 1Page - Central Semiconductor Corp CPC01 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MECHANICAL SPECIFICATIONS:
Die Size
98 x 98 MILS
Die Thickness
13.8 MILS ± 0.8 MILS
Die Passivation
SiN / SiO2 / PI
Anode Bonding Pad Area
75 x 75 MILS
Top Side Metalization
Al – 40,000Å
Back Side Metalization
Ti/W/Au – 200Å/1,000Å/1,000Å
Wafer Diameter
4 INCHES
Gross Die Per Wafer
1,100
The CPC01 Silicon Carbide Schottky die is optimized for high temperature applications.
Parametrically, the device is energy efficient as a result of low total conduction losses and
minimal changes to switching characteristics as a function of temperature.
FEATURES:
• Positive temperature coefficient
• Low reverse leakage current
• Temperature independent switching characteristics
• High operating junction temperature
• Metalization suitable for standard die attach technologies
• Top metalization optimized for wire bonding
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
1200
V
DC Blocking Voltage
VR
1200
V
Continuous Forward Current
IF
10
A
Peak Forward Surge Current (tp=8.3ms)
IFSM
50
A
Operating and Storage Junction Temperature
TJ, Tstg
-55 to +225
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
MAX
UNITS
IR
VR=1200V
60
400
μA
IR
VR=1200V, TJ=175°C
0.09
1.0
mA
VF
IF=10A
1.55
1.8
V
VF
IF=10A, TJ=175°C
2.3
3.0
V
QC
VR=800V, IF=10A, di/dt=750A/μs
54
nC
CJ
VR=1.0V, f=1.0MHz
477
pF
CJ
VR=300V, f=1.0MHz
50
pF
CJ
VR=600V, f=1.0MHz
41
pF
CPC01
Silicon Carbide Schottky Rectifier Die
10 Amp, 1200 Volt
APPLICATIONS:
• Power inverters
• Industrial motor drives
• Switch-mode power supplies
• Power factor correction
• Over-current protection
www.centr a lsemi.com
R0 (20-March 2013)
www.centr a lsemi.
com


Similar Part No. - CPC01

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CPC01DFC SENSORTECHNICS-CPC01DFC Datasheet
83Kb / 6P
Precision compensated pressure sensors / mV-output
CPC01GFC SENSORTECHNICS-CPC01GFC Datasheet
83Kb / 6P
Precision compensated pressure sensors / mV-output
More results

Similar Description - CPC01

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR10C120CT SSDI-SSR10C120CT Datasheet
132Kb / 2P
10 A / 1200 V Schottky Silicon Carbide Centertap Rectifier
SH0067A SSDI-SH0067A Datasheet
123Kb / 2P
10 A / 1200 V Schottky Silicon Carbide Rectifier
logo
Central Semiconductor C...
CSIC10-1200 CENTRAL-CSIC10-1200 Datasheet
951Kb / 3P
SILICON CARBIDE SCHOTTKY RECTIFIER 10 AMP, 1200 VOLT
CPD32X CENTRAL-CPD32X Datasheet
541Kb / 2P
Schottky Rectifier Die 10 Amp, 40 Volt
CPC05-SIC05-1200 CENTRAL-CPC05-SIC05-1200 Datasheet
452Kb / 4P
Silicon Carbide Schottky Rectifier Die 5.0 Amp, 1200 Volt
R1 22-July 2020
CPD76X-1N5818 CENTRAL-CPD76X-1N5818 Datasheet
455Kb / 4P
Schottky Rectifier Die 1.0 Amp, 30 Volt
R0 14-September 2016
CPD76X-CMLSH1-40 CENTRAL-CPD76X-CMLSH1-40 Datasheet
456Kb / 4P
Schottky Rectifier Die 1.0 Amp, 40 Volt
R0 14-September 2016
CPD77X-1N5820 CENTRAL-CPD77X-1N5820 Datasheet
519Kb / 4P
Schottky Rectifier Die 3.0 Amp, 20 Volt
R0 23-January 2017
CPD81X CENTRAL-CPD81X Datasheet
611Kb / 4P
Schottky Rectifier Die 5.0 Amp, 40 Volt
R0 19-March 2015
CPD21-CTLHR10-06 CENTRAL-CPD21-CTLHR10-06 Datasheet
735Kb / 4P
HyperFast Rectifier Die 10 Amp, 600 Volt
R1 20-January 2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com