Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP110 Datasheet(PDF) 2 Page - Motorola, Inc

Part # TIP110
Description  DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TIP110 Datasheet(HTML) 2 Page - Motorola, Inc

  TIP110 Datasheet HTML 1Page - Motorola, Inc TIP110 Datasheet HTML 2Page - Motorola, Inc TIP110 Datasheet HTML 3Page - Motorola, Inc TIP110 Datasheet HTML 4Page - Motorola, Inc TIP110 Datasheet HTML 5Page - Motorola, Inc TIP110 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TIP110 TIP111 TIP112 TIP115 TIP116 TIP117
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1)
(IC = 30 mAdc, IB = 0)
TIP110, TIP115
TIP111, TIP116
TIP112, TIP117
VCEO(sus)
60
80
100
—
—
—
Vdc
Collector Cutoff Current
(VCE = 30 Vdc, IB = 0)
TIP110, TIP115
(VCE = 40 Vdc, IB = 0)
TIP111, TIP116
(VCE = 50 Vdc, IB = 0)
TIP112 ,TIP117
ICEO
—
—
—
2.0
2.0
2.0
mAdc
Collector Cutoff Current
(VCB = 60 Vdc, IE = 0)
TIP110, TIP115
(VCB = 80 Vdc, IE = 0)
TIP111, TIP116
(VCB = 100 Vdc, IE = 0)
TIP112, TIP117
ICBO
—
—
—
1.0
1.0
1.0
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
—
2.0
mAdc
ON CHARACTERISTICS (1)
DC Current Gain
(IC = 1.0 Adc, VCE = 4.0 Vdc)
(IC = 2.0 Adc, VCE = 4.0 Vdc)
hFE
1000
500
—
—
—
Collector–Emitter Saturation Voltage
(IC = 2.0 Adc, IB = 8.0 mAdc)
VCE(sat)
—
2.5
Vdc
Base–Emitter On Voltage
(IC = 2.0 Adc, VCE = 4.0 Vdc)
VBE(on)
—
2.8
Vdc
DYNAMIC CHARACTERISTICS
Small–Signal Current Gain
(IC = 0.75 Adc, VCE = 10 Vdc, f = 1.0 MHz)
hfe
25
—
—
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
TIP115, TIP116, TIP117
TIP110, TIP111, TIP112
Cob
—
—
200
100
pF
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2%.
Figure 2. Switching Times Test Circuit
4.0
0.04
Figure 3. Switching Times
IC, COLLECTOR CURRENT (AMP)
2.0
1.0
0.8
0.2
0.06
0.1
0.2
0.4
0.6
1.0
2.0
4.0
0.6
PNP
NPN
tf
tr
ts
td @ VBE(off) = 0
V2
approx
+ 8.0 V
V1
approx
–12 V
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
25
µs
0
RB
51
D1
+ 4.0 V
VCC
– 30 V
RC
TUT
≈ 8.0 k
≈ 60
SCOPE
for td and tr, D1 is disconnected
and V2 = 0, RB and RC are varied
to obtain desired test currents.
For NPN test circuit, reverse diode,
polarities and input pulses.
RB & RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1, MUST BE FAST RECOVERY TYPE, eg:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
VCC = 30 V
IC/IB = 250
0.4
IB1 = IB2
TJ = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com