Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT2484 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT2484
Description  NPN SILICON LOW NOISE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT2484 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT2484 Datasheet HTML 1Page - Central Semiconductor Corp CMPT2484 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
162
SOT-23 CASE
CMPT2484
NPN SILICON
LOW NOISE TRANSISTOR
DESCRIPTION:
The
CENTRAL
SEMICONDUCTOR
CMPT2484 type is an NPN silicon low noise
transistor manufactured by the epitaxial planar
process, epoxy molded in a surface mount
package, designed for low noise
amplifier applications.
Marking Code is C1U.
MAXIMUM RATINGS (TA=25
oC)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
50
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
oC
Thermal Resistance
ΘJA
357
oC/W
ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=45V
10
nA
ICBO
VCB=45V, TA=150
oC
10
µA
IEBO
VEB=5.0V
10
nA
BVCBO
IC=10µA
60
V
BVCEO
IC=10mA
60
V
BVEBO
IE=10µA
5.0
V
VCE(SAT)
IC=1.0mA, IB=100µA
0.35
V
VBE(ON)
VCE=5.0V, IC=1.0mA
0.95
V
hFE
VCE=5.0V, IC=1.0mA
250
---
hFE
VCE=5.0V, IC=10mA
---
800
Cob
VCB=5.0V, IE=0, f=1.0MHz
6.0
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
6.0
pF
NF
VCE=5.0V, IC=10µA, RS=10kΩ
f=1.0kHz, BW=200Hz
3.0
dB


Similar Part No. - CMPT2484

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT2484 CENTRAL-CMPT2484 Datasheet
328Kb / 2P
NPN - Low Noise Amplifier Transistor Chip
CMPT2484 CENTRAL-CMPT2484_10 Datasheet
329Kb / 2P
SURFACE MOUNT NPN LOW NOISE SILICON TRANSISTOR
CMPT2484 CENTRAL-CMPT2484_15 Datasheet
329Kb / 2P
SURFACE MOUNT NPN LOW NOISE SILICON TRANSISTOR
More results

Similar Description - CMPT2484

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2484LT1 ONSEMI-MMBT2484LT1 Datasheet
206Kb / 8P
Low Noise Transistor(NPN Silicon)
October, 2001 ??Rev. 2
logo
Leshan Radio Company
MMBT2484LT1 LRC-MMBT2484LT1 Datasheet
209Kb / 4P
Low Noise Transistor(NPN Silicon)
logo
Motorola, Inc
MBC13900 MOTOROLA-MBC13900 Datasheet
813Kb / 26P
NPN Silicon Low Noise Transistor
logo
List of Unclassifed Man...
B12V105 ETC-B12V105 Datasheet
48Kb / 8P
NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
logo
Advanced Semiconductor
ALN64535 ASI-ALN64535 Datasheet
21Kb / 1P
NPN SILICON LOW NOISE RF TRANSISTOR
logo
List of Unclassifed Man...
B12V114 ETC1-B12V114 Datasheet
42Kb / 7P
NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
BRF504 ETC1-BRF504 Datasheet
13Kb / 1P
NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
logo
Motorola, Inc
MRF1047T1 MOTOROLA-MRF1047T1 Datasheet
162Kb / 12P
NPN Silicon Low Noise Transistor
MBC13901 MOTOROLA-MBC13901 Datasheet
237Kb / 4P
NPN Silicon Low Noise Transistor
logo
ON Semiconductor
MPSA18 ONSEMI-MPSA18 Datasheet
85Kb / 5P
Low Noise Transistor NPN Silicon
April, 2007 ??Rev. 4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com