Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT3019 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT3019
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT3019 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT3019 Datasheet HTML 1Page - Central Semiconductor Corp CMPT3019 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
166
SOT-23 CASE
CMPT3019
NPN SILICON TRANSISTOR
DESCRIPTION
The
CENTRAL
SEMICONDUCTOR
CMPT3019 type is an NPN silicon transistor
manufactured by the epitaxial planar process,
epoxy molded in a surface mount package,
designed for very high current, general
purpose amplifier applications.
Marking Code is C3A.
MAXIMUM RATINGS (TA=25
oC)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
7.0
V
Collector Current
IC
500
A
Collector Current (Peak)
ICM
1.0
A
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
oC
Thermal Resistance
ΘJA
357
oC/W
ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=90V
10
nA
IEBO
VEB=5.0V
10
nA
BVCBO
IC=100µA
120
V
BVCEO
IC=30mA
80
V
BVEBO
IE=100µA
7.0
V
VCE(SAT)
IC=150mA, IB=15mA
0.2
V
VCE(SAT)
IC=500mA, IB=50mA
0.5
V
VBE(SAT)
IC=150mA, IB=15mA
1.1
V
hFE
VCE=10V, IC=0.1mA
50
hFE
VCE=10V, IC=10mA
90
hFE
VCE=10V, IC=150mA
100
300
hFE
VCE=10V, IC=500mA
50
fT
VCE=10V, IC=50mA, f=1.0MHz 100
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
12
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
60
pF
NF
VCE=10V, IC=100mA, RS=1kΩ, f=1.0kHz
4.0
dB


Similar Part No. - CMPT3019

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
CMPT3019 FOSHAN-CMPT3019 Datasheet
788Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
logo
Central Semiconductor C...
CMPT3019 CENTRAL-CMPT3019_10 Datasheet
329Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT3019 CENTRAL-CMPT3019_15 Datasheet
329Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
More results

Similar Description - CMPT3019

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com