Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT3646 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT3646
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT3646 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT3646 Datasheet HTML 1Page - Central Semiconductor Corp CMPT3646 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
170
MAXIMUM RATINGS (TA=25
oC)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCES
40
V
Collector-Emitter Voltage
VCEO
15
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
200
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
oC
Thermal Resistance
ΘJA
357
oC/W
ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICES
VCE=20V
0.5
µA
ICES
VCE=20V, TA=65
oC
3.0
µA
BVCBO
IC=100µA
40
V
BVCES
IC=10µA
40
V
BVCEO
IC=10mA
15
V
BVEBO
IE=100µA
5.0
V
VCE(SAT)
IC=30mA, IB=3.0mA
0.20
V
VCE(SAT)
IC=30mA, IB=3.0mA, TA=65
oC
0.30
V
VCE(SAT)
IC=100mA, IB=10mA
0.28
V
VCE(SAT)
IC=300mA, IB=30mA
0.50
V
VBE(SAT)
IC=30mA, IB=3.0mA
0.75
0.95
V
VBE(SAT)
IC=100mA, IB=10mA
1.20
V
VBE(SAT)
IC=300mA, IB=30mA
1.70
V
hFE
VCE=0.4V, IC=30mA
30
120
hFE
VCE=0.5V, IC=100mA
25
SOT-23 CASE
CMPT3646
NPN SILICON TRANSISTOR
DESCRIPTION:
The
CENTRAL
SEMICONDUCTOR
CMPT3646 type is an NPN Silicon Transistor
manufactured by the epitaxial planar process,
epoxy molded in a surface mount package,
designed for high current, ultra high speed
switching applications.
Marking code is C2R.


Similar Part No. - CMPT3646

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT3646 CENTRAL-CMPT3646_10 Datasheet
328Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT3646 CENTRAL-CMPT3646_15 Datasheet
328Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
More results

Similar Description - CMPT3646

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com