Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT4033 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT4033
Description  PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT4033 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT4033 Datasheet HTML 1Page - Central Semiconductor Corp CMPT4033 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
174
SOT-23 CASE
CMPT4033
PNP SILICON TRANSISTOR
DESCRIPTION
The
CENTRAL
SEMICONDUCTOR
CMPT4033 type is an PNP silicon transistor
manufactured by the epitaxial planar process,
epoxy molded in a surface mount package,
designed for very high current, general
purpose amplifier applications.
Marking Code is C4A.
MAXIMUM RATINGS (TA=25
oC)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
500
mA
Collector Current (Peak)
ICM
1.0
A
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
oC
Thermal Resistance
ΘJA
357
oC/W
ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=60V
50
nA
IEBO
VEB=5.0V
10
nA
BVCBO
IC=10µA
80
V
BVCEO
IC=10mA
80
V
BVEBO
IE=10µA
5.0
V
VCE(SAT)
IC=150mA, IB=15mA
0.15
V
VCE(SAT)
IC=500mA, IB=50mA
0.50
V
VBE(SAT)
IC=150mA, IB=15mA
0.90
V
VBE(SAT)
IC=500mA, IB=50mA
1.10
V
hFE
VCE=5.0V, IC=0.1mA
75
hFE
VCE=5.0V, IC=100mA
100
300
hFE
VCE=5.0V, IC=500mA
70
fT
VCE=10V, IC=50mA, f=1.0MHz
100
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
20
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
110
pF


Similar Part No. - CMPT4033

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT4033 CENTRAL-CMPT4033_10 Datasheet
327Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT4033 CENTRAL-CMPT4033_15 Datasheet
327Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
More results

Similar Description - CMPT4033

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com