Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT5086 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT5086
Description  PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT5086 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT5086 Datasheet HTML 1Page - Central Semiconductor Corp CMPT5086 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
178
SOT-23 CASE
CMPT5086
CMPT5087
PNP SILICON TRANSISTOR
DESCRIPTION:
The
CENTRAL
SEMICONDUCTOR
CMPT5086, CMPT5087 types are PNP silicon
transistors manufactured by the epitaxial
planar process, epoxy molded in a surface
mount package, designed for applications
requiring high gain and low noise.
Marking Codes are C2P and C2Q
Respectively.
MAXIMUM RATINGS (TA=25
oC)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
3.0
V
Collector Current
IC
50
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
oC
Thermal Resistance
ΘJA
357
oC/W
ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
CMPT5086
CMPT5087
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=10V
10
10
nA
ICBO
VCB=35V
50
50
nA
BVCBO
IC=100µA
50
50
V
BVCEO
IC=1.0mA
50
50
V
BVEBO
IE=100µA
3.0
3.0
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.30
0.30
V
VBE(SAT)
IC=10mA, IB=1.0mA
0.85
0.85
V
hFE
VCE=5.0V, IC=0.1mA
150
500
250
800
hFE
VCE=5.0V, IC=1.0mA
150
250
hFE
VCE=5.0V, IC=10mA
150
250
fT
VCE=5.0V, IC=500µA, f=20MHz
40
40
MHz
Cob
VCB=5.0V, IE=0, f=1.0MHz
4.0
4.0
pF
hfe
VCE=5.0V, IC=1.0mA, f=1.0kHz
150
600
250
900


Similar Part No. - CMPT5086

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT5086 CENTRAL-CMPT5086 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT5086 CENTRAL-CMPT5086 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT5086 CENTRAL-CMPT5086_10 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT5086 CENTRAL-CMPT5086_15 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
More results

Similar Description - CMPT5086

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com