Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT5088 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT5088
Description  SURFACE MOUNT NPN SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT5088 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT5088 Datasheet HTML 1Page - Central Semiconductor Corp CMPT5088 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT5088,
CMPT5089 types are NPN silicon transistors
manufactured by the epitaxial planar process,
epoxy molded in a surface mount package,
designed for small signal general purpose and
switching applications. Marking Codes are C1Q,
C1R respectively.
MAXIMUM RATINGS: (TA=25oC)
SYMBOL
CMPT5088
CMPT5089
UNITS
Collector-Base Voltage
VCBO
35
30
V
Collector-Emitter Voltage
VCEO
30
25
V
Emitter-Base Voltage
VEBO
4.5
V
Collector Current
IC
50
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
o
C
Thermal Resistance
ΘJA
357
o
C/W
ELECTRICAL CHARACTERISTICS: (TA=25oC unless otherwise noted)
CMPT5088
CMPT5089
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=20V
50
nA
ICBO
VCB=15V
50
nA
IEBO
VEB=3.0V
50
nA
IEBO
VEB=4.5V
100
nA
BVCBO
IC=100µA35
30
V
BVCEO
IC=1.0mA
30
25
V
BVEBO
IE=100µA
4.5
4.5
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.5
0.5
V
VBE(SAT)
IC=10mA, IB=1.0mA
0.8
0.8
V
hFE
VCE=5.0V, IC=0.1mA
300
900
400
1200
hFE
VCE=5.0V, IC=1.0mA
350
450
hFE
VCE=5.0V, IC=10mA
300
400
fT
VCE=5.0V, IC=500µA, f=20MHz
50
50
MHz
Cob
VCB=5.0V, IE=0, f=1.0MHz
4.0
4.0
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
15
15
pF
hfe
VCE=5.0V, IC=1.0mA, f=1.0kHz
350
1400
450
1800
NF
VCE=5.0V, IC=100µA, RS=10kΩ
f=10Hz to 15.7kHz
3.0
2.0
dB
CMPT5088
CMPT5089
SURFACE MOUNT
NPN SILICON TRANSISTORS
SOT-23 CASE
Central
Semiconductor Corp.
TM
R4 ( 2 -October 2001)


Similar Part No. - CMPT5088

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT5088 CENTRAL-CMPT5088 Datasheet
330Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT5088 CENTRAL-CMPT5088 Datasheet
328Kb / 2P
NPN - Low Noise Amplifier Transistor Chip
CMPT5088 CENTRAL-CMPT5088 Datasheet
330Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT5088E CENTRAL-CMPT5088E Datasheet
132Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT ULTRAmini COMPLEMENTARY SILICON TRANSISTORS
CMPT5088E CENTRAL-CMPT5088E Datasheet
335Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - CMPT5088

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMST5088 CENTRAL-CMST5088 Datasheet
107Kb / 2P
SUPERmini. SURFACE MOUNT NPN SILICON TRANSISTORS
CXT3019 CENTRAL-CXT3019 Datasheet
100Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTORS
CXT5551 CENTRAL-CXT5551 Datasheet
100Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTORS
CYT5551D CENTRAL-CYT5551D Datasheet
103Kb / 2P
SURFACE MOUNT DUAL, ISOLATED NPN SILICON TRANSISTORS
CMXT2222A CENTRAL-CMXT2222A_10 Datasheet
557Kb / 2P
SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
CMXT3904 CENTRAL-CMXT3904_10 Datasheet
557Kb / 2P
SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
BC817 CENTRAL-BC817 Datasheet
337Kb / 2P
SURFACE MOUNT SILICON NPN TRANSISTORS
CJD47 CENTRAL-CJD47_15 Datasheet
562Kb / 2P
SURFACE MOUNT SILICON NPN POWER TRANSISTORS
CMXT2222A CENTRAL-CMXT2222A_15 Datasheet
557Kb / 2P
SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
CMXT3904 CENTRAL-CMXT3904_15 Datasheet
410Kb / 2P
SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com