Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT591 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT591
Description  SURFACE MOUNT PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT591 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT591 Datasheet HTML 1Page - Central Semiconductor Corp CMPT591 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT591E
type is a PNP silicon transistor manufactured by
the epitaxial planar process, epoxy molded in a
surface mount package, designed for high
current, general purpose amplifier applications.
Marking Code is C59.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
1.0
A
Base Current
IB
200
mA
Collector Current (Peak)
ICM
2.0
A
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=60V
100
nA
IEBO
VEB=4.0V
100
nA
BVCBO
IC=100µA
80
V
BVCEO
IC=10mA
60
V
BVEBO
IE=100µA
5.0
V
VCE(SAT)
IC=500mA, IB=50mA
0.20
V
VCE(SAT)
IC=1.0A, IB=100mA
0.40
V
VBE(SAT)
IC=1.0A, IB=100mA
1.1
V
VBE(ON)
VCE=5.0V, IC=1.0A
1.0
V
hFE
VCE=5.0V, IC=1.0mA
200
hFE
VCE=5.0V, IC=500mA
200
600
hFE
VCE=5.0V, IC=1.0A
50
hFE
VCE=5.0V, IC=2.0A
15
fT
VCE=10V, IC=50mA, f=100MHz
150
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
10
pF
CMPT591E
SURFACE MOUNT
PNP SILICON TRANSISTOR
SOT-23 CASE
Central
Semiconductor Corp.
TM
R2 ( 30-August 2001)


Similar Part No. - CMPT591

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT591E CENTRAL-CMPT591E_10 Datasheet
397Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT591E CENTRAL-CMPT591E_15 Datasheet
397Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
More results

Similar Description - CMPT591

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BCW61B CENTRAL-BCW61B Datasheet
125Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMLT591E CENTRAL-CMLT591E_10 Datasheet
511Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT2907A CENTRAL-CMPT2907A_10 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT5401 CENTRAL-CMPT5401_10 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BC856 CENTRAL-BC856_10 Datasheet
331Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCW67 CENTRAL-BCW67 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCX71 CENTRAL-BCX71 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT7410 CENTRAL-CMPT7410_15 Datasheet
393Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT4209 CENTRAL-CMPT4209 Datasheet
330Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
CXT5401 BILIN-CXT5401 Datasheet
167Kb / 3P
Surface Mount PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com