Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT651 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT651
Description  SURFACE MOUNT NPN HIGH CURRENT TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT651 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT651 Datasheet HTML 1Page - Central Semiconductor Corp CMPT651 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
2.0
A
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=80V
100
nA
IEBO
VEB=4.0V
100
nA
BVCBO
IC=100µA80
V
BVCEO
IC=10mA
60
V
BVEBO
IE=10µA
5.0
V
VCE(SAT)
IC=0.5A, IB=50mA
100
mV
VCE(SAT)
IC=1.0A, IB=100mA
200
mV
VCE(SAT)
IC=2.0A, IB=200mA
400
mV
VBE(SAT)
IC=1.0A, IB=100mA
1.2
V
VBE(ON)
VCE=2.0V, IC=1.0A
1.0
V
hFE
VCE=2.0V, IC=50mA
75
hFE
VCE=2.0V, IC=500mA
100
300
hFE
VCE=2.0V, IC=1.0A
75
hFE
VCE=2.0V, IC=2.0A
40
fT
VCE=5.0V, IC=50mA, f=100MHz
75
MHz
CMPT651
SURFACE MOUNT
NPN HIGH CURRENT TRANSISTOR
SOT-23F CASE
Central
Semiconductor Corp.
TM
R0 ( 03-January 2002)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT651
type is a high current NPN Silicon Transistor,
epoxy molded in a space saving Power SOT-
23F surface mount package, designed for high
current applications.
Marking code is C651.


Similar Part No. - CMPT651

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT651 CENTRAL-CMPT651 Datasheet
463Kb / 2P
NPN - High Current Transistor Chip
CMPT6517 CENTRAL-CMPT6517 Datasheet
104Kb / 2P
COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
CMPT6517 CENTRAL-CMPT6517 Datasheet
329Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CMPT6517 CENTRAL-CMPT6517_15 Datasheet
329Kb / 2P
SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
More results

Similar Description - CMPT651

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PZT651T1 ONSEMI-PZT651T1 Datasheet
101Kb / 6P
HIGH CURRENT NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Central Semiconductor C...
CZT853 CENTRAL-CZT853 Datasheet
92Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
CZT5551HC CENTRAL-CZT5551HC Datasheet
127Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
CMLT5551HC CENTRAL-CMLT5551HC_10 Datasheet
512Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
CXT853 CENTRAL-CXT853_10 Datasheet
291Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CXT5551HC CENTRAL-CXT5551HC_10 Datasheet
289Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CZT853 CENTRAL-CZT853_10 Datasheet
535Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CMLT5551HC CENTRAL-CMLT5551HC_15 Datasheet
441Kb / 3P
SURFACE MOUNT SILICON HIGH CURRENT NPN TRANSISTOR
CMPT5551HC CENTRAL-CMPT5551HC_15 Datasheet
327Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CZT5551HC CENTRAL-CZT5551HC_15 Datasheet
533Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com