Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT7090L Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT7090L
Description  SURFACE MOUNT LOW VCE(SAT) PNP POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT7090L Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT7090L Datasheet HTML 1Page - Central Semiconductor Corp CMPT7090L Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
3.0
A
Peak Pulse Current
ICM
6.0
A
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=30V
100
nA
ICBO
VCB=30V, TA=100°C
10
µA
IEBO
VEB=4.0V
100
nA
BVCBO
IC=100µA
50
V
BVCEO
IC=10mA
40
V
BVEBO
IE=100µA
5.0
V
VCE(SAT)
IC=500mA, IB=5.0mA
100
250
mV
VCE(SAT)
IC=1.0A, IB=10mA
175
450
mV
VCE(SAT)
IC=2.0A, IB=50mA
250
750
mV
VBE(SAT)
IC=1.0A, IB=10mA
0.8
1.0
V
hFE
VCE=2.0V, IC=10mA
300
800
hFE
VCE=2.0V, IC=500mA
250
hFE
VCE=2.0V, IC=1.0A
200
hFE
VCE=2.0V, IC=2.0A
150
fT
VCE=5V, IC=50mA, f=50MHz
100
MHz
CMPT7090L
SURFACE MOUNT
LOW VCE(SAT)
PNP POWER TRANSISTOR
SOT-23F CASE
Central
Semiconductor Corp.
TM
R0 ( 13-December 2001)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT7090L
is a Low VCE(SAT) PNP Transistor in a space
saving Power SOT-23F surface mount package,
designed for DC-DC converters for mobile
systems and LAN cards, motor control, power
management and strobe flash units.
Marking code is 709L.


Similar Part No. - CMPT7090L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT7090L CENTRAL-CMPT7090L Datasheet
216Kb / 2P
Power Transistor PNP - Low Saturation Transistor Chip
More results

Similar Description - CMPT7090L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMXT7090L CENTRAL-CMXT7090L Datasheet
93Kb / 2P
SURFACE MOUNT LOW VCE SAT PNP POWER TRANSISTOR
CXT7090L CENTRAL-CXT7090L Datasheet
110Kb / 2P
SURFACE MOUNT LOW VCE(SAT) PNP POWER TRANSISTOR
logo
Diodes Incorporated
DZT955 DIODES-DZT955 Datasheet
196Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31280 Rev. 2 - 2
DPLS315E DIODES-DPLS315E Datasheet
164Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31325 Rev. 3 - 2
DPLS325E DIODES-DPLS325E Datasheet
162Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31327 Rev. 3 - 2
DSS5240T DIODES-DSS5240T Datasheet
101Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31591 Rev. 2 - 2
DSS5220V DIODES-DSS5220V Datasheet
125Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31660 Rev. 2 - 2
DJT4030P-13 DIODES-DJT4030P-13 Datasheet
112Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 2
DSS5140V DIODES-DSS5140V_15 Datasheet
122Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 3
2DB1689 DIODES-2DB1689_15 Datasheet
95Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com