Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT751 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT751
Description  SURFACE MOUNT PNP HIGH CURRENT TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT751 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT751 Datasheet HTML 1Page - Central Semiconductor Corp CMPT751 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
2.0
A
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=80V
100
nA
IEBO
VEB=4.0V
100
nA
BVCBO
IC=100µA80
V
BVCEO
IC=10mA
60
V
BVEBO
IE=10µA
5.0
V
VCE(SAT)
IC=0.5A, IB=50mA
150
mV
VCE(SAT)
IC=1.0A, IB=100mA
200
mV
VCE(SAT)
IC=2.0A, IB=200mA
400
mV
VBE(SAT)
IC=1.0A, IB=100mA
1.2
V
VBE(ON)
VCE=2.0V, IC=1.0A
1.0
V
hFE
VCE=2.0V, IC=50mA
75
hFE
VCE=2.0V, IC=500mA
100
300
hFE
VCE=2.0V, IC=1.0A
75
hFE
VCE=2.0V, IC=2.0A
40
fT
VCE=5.0V, IC=50mA, f=100MHz
75
MHz
CMPT751
SURFACE MOUNT
PNP HIGH CURRENT TRANSISTOR
SOT-23F CASE
Central
Semiconductor Corp.
TM
R0 ( 03-January 2002)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT751
type is a high current PNP Silicon Transistor,
epoxy molded in a space saving Power SOT-23F
surface mount package, designed for high current
applications.
Marking code is C751.


Similar Part No. - CMPT751

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT7090L CENTRAL-CMPT7090L Datasheet
103Kb / 2P
SURFACE MOUNT LOW VCE(SAT) PNP POWER TRANSISTOR
CMPT7090L CENTRAL-CMPT7090L Datasheet
216Kb / 2P
Power Transistor PNP - Low Saturation Transistor Chip
CMPT7410 CENTRAL-CMPT7410 Datasheet
116Kb / 2P
SURFACE MOUNT PNP SILICON LOW VCE (SAT) TRANSISTOR
CMPT7410 CENTRAL-CMPT7410_15 Datasheet
393Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT7820 CENTRAL-CMPT7820 Datasheet
330Kb / 2P
SURFACE MOUNT VERY LOW VCE(SAT) PNP SILICON TRANSISTOR
More results

Similar Description - CMPT751

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXT953 CENTRAL-CXT953 Datasheet
89Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON PNP TRANSISTOR
CZT953 CENTRAL-CZT953 Datasheet
92Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON PNP TRANSISTOR
CTLT953-M833 CENTRAL-CTLT953-M833 Datasheet
602Kb / 2P
SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CXT953 CENTRAL-CXT953_10 Datasheet
291Kb / 2P
SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT751 CENTRAL-CZT751_10 Datasheet
533Kb / 2P
SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT953 CENTRAL-CZT953_10 Datasheet
535Kb / 2P
SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT955 CENTRAL-CZT955 Datasheet
979Kb / 3P
SURFACE MOUNT SILICON HIGH CURRENT PNP TRANSISTOR
CTLT953-M833 CENTRAL-CTLT953-M833_15 Datasheet
602Kb / 2P
SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT953 CENTRAL-CZT953_15 Datasheet
751Kb / 3P
SURFACE MOUNT SILICON HIGH CURRENT PNP TRANSISTOR
CZT751 CENTRAL-CZT751_15 Datasheet
533Kb / 2P
SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com