Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9059E Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ML9059E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9059E Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ML9059E Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 10Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
FEDL9059E-01
LAPIS Semiconductor
ML9059E
7/72
 Operating current consumption value
(1) During display operation, internal power supply OFF (The current flowing through VDD with V1 to V5
externally applied when an external power supply is used, not including the current for the LCD drive)
[VSS = 0 V, Tj = 25°C]
Rated value
Display mode
Symbol
Condition
Min
Typ
Max
Unit
VDD = 5 V, V1- VSS = 11 V, no load
—
16
45
All-white
IDD
VDD = 3.7 V, V1- VSS = 8 V, no load
—
12
35
A
VDD = 5 V, V1- VSS = 11 V, no load
—
16
45
Checker pattern
IDD
VDD = 3.7 V, V1- VSS = 8 V, no load
—
12
35
A
(2) During display operation, internal power supply ON (Total of currents flowing through VDD and VIN)
[VSS = 0 V, Tj = 25°C]
Rated value
Display
mode
Symbol
Condition
Min
Typ
Max
Unit
Frame reversal,
VDD, VIN = 5 V, 3-time
voltage multiplication
V1 - VSS= 11 V, no load
—
100
170
Frame reversal,
VDD, VIN = 3.7 V, 4-time
voltage multiplication
V1 - VSS= 8 V, no load
—
110
190
All-white
IDDIN
16-line reversal,
VDD, VIN = 5 V, 3-time
voltage multiplication
V1 - VSS= 11 V, no load
—
100
170
A
Frame reversal,
VDD, VIN = 5 V, 3-time
voltage multiplication
V1 - VSS= 11 V, no load
—
120
205
Frame reversal,
VDD, VIN = 3.7 V, 4-time
voltage multiplication
V1 - VSS= 8 V, no load
—
130
220
Checker
pattern
IDDIN
16-line reversal,
VDD, VIN = 5 V, 3-time
voltage multiplication
V1 - VSS= 11 V, no load
—
120
205
A
 Power save mode current consumption
[VSS = 0 V, Tj = 25°C]
Rated value
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Sleep mode
IDDS1
VDD = 3.7 V
—
0.3
5
Standby mode
IDDS2
VDD = 3.7 V
—
9
15
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com