Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT930 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT930
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT930 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT930 Datasheet HTML 1Page - Central Semiconductor Corp CMPT930 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
156
CMPT930
NPN SILICON TRANSISTOR
SOT-23 CASE
DESCRIPTION
The
CENTRAL
SEMICONDUCTOR
CMPT930 type is an NPN silicon transistor
manufactured by the epitaxial planar process,
epoxy molded in a surface mount package,
designed for small signal general purpose
amplifier applications.
Marking Code is C1X.
MAXIMUM RATINGS (TA=25
oC)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
45
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
30
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
oC
Thermal Resistance
ΘJA
357
oC/W
ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=45V
10
nA
ICEO
VCE=5.0V
10
nA
ICES
VCE=45V
10
nA
IEBO
VEB=5.0V
10
nA
BVCBO
IC=10µA
45
V
BVCEO
IC=10mA
45
V
BVEBO
IE=10µA
5.0
V
VCE(SAT)
IC=10mA, IB=0.5mA
1.0
V
VBE(SAT)
IC=10mA, IB=0.5mA
0.6
1.0
V
hFE
VCE=5.0V, IC=10µA
100
300
hFE
VCE=5.0V, IC=500µA
150
hFE
VCE=5.0V, IC=10mA
600
fT
VCE=5.0V, IC=500mA, f=30MHz
30
MHz
Cob
VCB=5.0V, IE=0, f=1.0MHz
8.0
pF
NF
VCE=5.0V, IC=10mA, RS=10kΩ,
f=10Hz to 15.7kHz
3.0
dB


Similar Part No. - CMPT930

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT930 CENTRAL-CMPT930_10 Datasheet
328Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT930 CENTRAL-CMPT930_15 Datasheet
328Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
More results

Similar Description - CMPT930

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com