Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPTA44 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPTA44
Description  NPN SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPTA44 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPTA44 Datasheet HTML 1Page - Central Semiconductor Corp CMPTA44 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
207
R2
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
hFE
VCE=10V, IC=50mA
45
hFE
VCE=10V, IC=100mA
20
fT
VCE=10V, IC=10mA, f=10MHz
20
MHz
Cob
VCB=20V, IE=0, f=1.0MHz
7.0
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
130
pF
All dimensions in inches (mm).
LEAD CODE:
1) BASE
2) EMITTER
3) COLLECTOR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com