Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-6045S Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI-6045S
Description  Wire Wound Magnetically Shielded SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-6045S Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI-6045S Datasheet HTML 1Page - Abracon Corporation ASPI-6045S Datasheet HTML 2Page - Abracon Corporation ASPI-6045S Datasheet HTML 3Page - Abracon Corporation ASPI-6045S Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ASPI-6045S
30332 Esper
an
za, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 02.05.14
Visit www.abracon.com for Terms & Conditions of Sale
Wire Wound Magnetically Shielded SMD Power Inductor
6.0 x 6.0 x 4.5mm
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
Part Number
ASPI-6045S-
Inductance Code
Inductance
L Tolerance
DC Resistance
(±30%)
Saturation
Current
Temperature
Rise Current
Min. Self resonant
frequency
Marking
Units
μH
−
Ω
A
A
MHz
−
Symbol
L
−
DCR
Isat
Irms
SRF
−
ASPI-6045S-560
56
M
0.221
1.30
1.10
6.4
560
ASPI-6045S-620
62
M
0.235
1.25
1.10
6.4
620
ASPI-6045S-680
68
M
0.289
1.20
1.00
6.4
680
ASPI-6045S-750
75
M
0.305
1.15
0.95
5
750
ASPI-6045S-820
82
M
0.341
1.05
0.90
4.9
820
ASPI-6045S-910
91
M
0.359
1.00
0.85
4.9
910
ASPI-6045S-101
100
M
0.433
0.95
0.80
4.2
101
ASPI-6045S-121
120
M
0.484
0.85
0.77
4.2
121
ASPI-6045S-151
150
M
0.58
0.80
0.70
4.2
151
ASPI-6045S-221
220
M
0.834
0.70
0.59
3.5
221
ASPI-6045S-331
330
M
1.27
0.57
0.57
2.8
331
Test Conditions:
a. Ambient Temperature: 20± 15oC
b. Relative Humidity: 65%±20%
c. Air Pressure: 86KPa to 106KPa
Inductance (L): ZM2355 LCR meter or equivalent
Direct Current Resistance (DCR): HIOKI 3540 or equivalent
Saturation Current (Isat): Saturation current meter
Isat: Based on inductance change (∆ L/Lo :∆ -30%)
Temperature rise current (Irms): Electric Power, Electric current meter, Thermometer
Irms: Based on temperature rise (∆ T : 40 oC TYP. )
ELECTRICAL CHARACTERISTICS CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com