Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPZ4625 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPZ4625
Description  350mW LOW NOISE ZENER DIODE 5% TOLERANCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPZ4625 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPZ4625 Datasheet HTML 1Page - Central Semiconductor Corp CMPZ4625 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
210
TYPE NO.
ZENER
VOLTAGE
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
ZENER
CURRENT
MAXIMUM
NOISE DENSITY
VOLTS
VOLTS
mA
CMPZ4614*
1.8
250
1200
7.5
1.0
120
1.0
CMPZ4615*
2.0
250
1250
5.0
1.0
110
1.0
CMPZ4616*
2.2
250
1300
4.0
1.0
100
1.0
CMPZ4617*
2.4
250
1400
2.0
1.0
95
1.0
CMPZ4618*
2.7
250
1500
1.0
1.0
90
1.0
CMPZ4619*
3.0
250
1600
0.8
1.0
85
1.0
CMPZ4620*
3.3
250
1650
7.5
1.5
80
1.0
CMPZ4621*
3.6
250
1700
7.5
2.0
75
1.0
CMPZ4622*
3.9
250
1650
5.0
2.0
70
1.0
CMPZ4623*
4.3
250
1600
4.0
2.0
65
1.0
CMPZ4624*
4.7
250
1550
10
3.0
60
1.0
CMPZ4625*
5.1
250
1500
10
3.0
55
2.0
CMPZ4626*
5.6
250
1400
10
4.0
50
4.0
CMPZ4627*
6.2
250
1200
10
5.0
45
5.0
Ω
Ω
Ω
Ω
Ω
µµµµµA
* Available on special order only, please consult factory.
MAXIMUM REVERSE
LEAKAGE CURRENT
VZ @ IZT
IZT
ZZT @ IZT
IR @ VR
IZM
ND @ IZT=250µµµµµA
SOT-23 CASE
CMPZ4614
THRU
CMPZ4627
350mW LOW NOISE ZENER DIODE
5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMIONDUCTOR CMPZ4614
Series Silicon Zener Diode is high quality
voltage regulator designed for low leakage,
low current and low noise applications.
ELECTRICAL CHARACTERISTICS
(TA=25
oC) VF=1.0 MAX @ IF=200mA FOR ALL TYPES.
µµµµµV/ Hz
µµµµµA
“


Similar Part No. - CMPZ4625

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZ4625 CENTRAL-CMPZ4625 Datasheet
395Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 350mW, 5% TOLERANCE
CMPZ4625 CENTRAL-CMPZ4625 Datasheet
395Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
More results

Similar Description - CMPZ4625

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84C3V3 CENTRAL-BZX84C3V3 Datasheet
92Kb / 2P
350mW ZENER DIODE 3.3 VOLTS THRU 33 VOLTS 5% TOLERANCE
CLL4614 CENTRAL-CLL4614 Datasheet
106Kb / 2P
500mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMHZ4614 CENTRAL-CMHZ4614 Datasheet
55Kb / 2P
500mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMOZ2L4 CENTRAL-CMOZ2L4 Datasheet
97Kb / 2P
ULTRAmini. LOW LEVEL ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4 Datasheet
97Kb / 2P
ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMPZ4099 CENTRAL-CMPZ4099 Datasheet
186Kb / 2P
LOW NOISE ZENER DIODE 6.8 VOLTS THRU 43 VOLTS 350mW,5% TOLERANCE
CMPZ4678 CENTRAL-CMPZ4678 Datasheet
92Kb / 2P
350mW LOW LEVEL ZENER DIODE 5% TOLERANCE
CMPZ4614 CENTRAL-CMPZ4614_10 Datasheet
395Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 350mW, 5% TOLERANCE
CMPZ4678 CENTRAL-CMPZ4678_10 Datasheet
401Kb / 2P
SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 350mW, 5% TOLERANCE
CMPZ5221B CENTRAL-CMPZ5221B_10 Datasheet
401Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 350mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com