Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-8001FDE Datasheet(PDF) 4 Page - Sanken electric

Part # SI-8001FDE
Description  DC-to-DC Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8001FDE Datasheet(HTML) 4 Page - Sanken electric

  SI-8001FDE Datasheet HTML 1Page - Sanken electric SI-8001FDE Datasheet HTML 2Page - Sanken electric SI-8001FDE Datasheet HTML 3Page - Sanken electric SI-8001FDE Datasheet HTML 4Page - Sanken electric SI-8001FDE Datasheet HTML 5Page - Sanken electric SI-8001FDE Datasheet HTML 6Page - Sanken electric SI-8001FDE Datasheet HTML 7Page - Sanken electric SI-8001FDE Datasheet HTML 8Page - Sanken electric SI-8001FDE Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
SANKEN ELECTRIC CO., LTD.
DC-to-DC Step-Down Converter
SI-8001FDE
27469.056
90
85
80
75
70
65
60
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IO (A)
6.00
5.00
4.00
3.00
2.00
1.00
0
5.10
5.08
5.06
5.04
5.02
5.00
4.98
4.96
4.94
4.92
4.90
012345678
Efficiency versus
Output Current
VO= 3.3 V
Efficiency versus
Output Current
VO= 5.0 V
Efficiency versus
Output Current
VO= 12.0 V
Low Voltage
Behavior:
Output Voltage
versus
Supply Voltage
8 V
15 V
40 V
30 V
20 V
01
2
3
Load Regulation:
Output Voltage
versus
Output Current
IO (A)
0
2
4
8
6
10
0
10203040
Quiescent Current
versus
Supply Voltage
IO = 0 A
SS pin open
VIN (V)
VIN (V)
VIN
100
95
90
85
80
75
70
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IO (A)
8 V
15 V
40 V
30 V
20 V
VIN
IO
VIN
0 A
0.5 A
1 A
40 V
30 V
15 V
10 V
8 V
2 A
3.5 A
90
85
80
75
70
65
60
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IO (A)
15V
40 V
30 V
20 V
VIN
VIN
15 V
8 V
30 V
40 V
Behavior at
Turn-Off:
Quiescent Current
versus
Input Voltage
IO = 0 A
VSS = 0 V
0
2
1
3
5
4
6
0123
5
4
Overcurrent
Protection:
Output Voltage
versus
Output Current
IO (A)
400
300
200
100
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VIN (V)
Performance Characteristics
At TA = 25°C, VO = 5 V Adjusted, R1 = 4.2 kΩ, R2 = 0.8 kΩ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com