Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPZDA12V Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPZDA12V
Description  DUAL ZENER DIODE 3.6 VOLTS THRU 33 VOLTS 350mW, 5% TOLERANCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPZDA12V Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPZDA12V Datasheet HTML 1Page - Central Semiconductor Corp CMPZDA12V Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
216
TYPE NO.
TEST
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
ZENER VOLTAGE
TEMPERATURE
COEFFICIENT
MARKING
CODE
MIN
MAX
VOLTS VOLTS
mA
Ω
Ω
mA
VOLTS
mA
CMPZDA3V6
3.4
3.8
5.0
95
600
1.0
2.0
1.0
45
-0.06
WW7
CMPZDA3V9
3.7
4.1
5.0
90
600
1.0
2.0
1.0
43
-0.06
WW8
CMPZDA4V3
4.0
4.6
5.0
90
600
1.0
1.0
1.0
40
-0.05
WW9
CMPZDA4V7
4.4
5.0
5.0
80
500
1.0
3.0
2.0
38
-0.03
ZZ1
CMPZDA5V1
4.8
5.4
5.0
60
480
1.0
2.0
2.0
35
0.02
ZZ2
CMPZDA5V6
5.2
6.0
5.0
40
400
1.0
1.0
2.0
32
0.03
ZZ3
CMPZDA6V2
5.8
6.6
5.0
10
150
1.0
3.0
4.0
28
0.04
ZZ4
CMPZDA6V8
6.4
7.2
5.0
15
80
1.0
2.0
4.0
25
0.05
ZZ5
CMPZDA7V5
7.0
7.9
5.0
15
80
1.0
1.0
5.0
23
0.05
ZZ6
CMPZDA8V2
7.7
8.7
5.0
15
80
1.0
0.7
5.0
21
0.06
ZZ7
CMPZDA9V1
8.5
9.6
5.0
15
100
1.0
0.5
6.0
18
0.06
ZZ8
CMPZDA10V
9.4
10.6
5.0
20
150
1.0
0.2
7.0
16
0.07
ZZ9
CMPZDA11V
10.4
11.6
5.0
20
150
1.0
0.1
8.0
15
0.07
YY1
CMPZDA12V
11.4
12.7
5.0
25
150
1.0
0.1
8.0
13
0.07
YY2
CMPZDA13V
12.4
14.1
5.0
30
170
1.0
0.1
8.0
12
0.08
YY3
CMPZDA15V
13.8
15.6
5.0
30
200
1.0
0.05
10.5
11
0.08
YY4
CMPZDA16V
15.3
17.1
5.0
40
200
1.0
0.05
11.2
10
0.08
YY5
CMPZDA18V
16.8
19.1
5.0
45
225
1.0
0.05
12.6
9.2
0.08
YY6
CMPZDA20V
18.8
21.2
5.0
55
225
1.0
0.05
14.0
8.3
0.08
YY7
CMPZDA22V
20.8
23.3
5.0
55
250
1.0
0.05
15.4
7.6
0.09
YY8
CMPZDA24V
22.8
25.6
5.0
70
250
1.0
0.05
16.8
7.0
0.09
YY9
CMPZDA27V
25.1
28.9
2.0
80
300
0.5
0.05
18.9
6.2
0.09
W10
CMPZDA30V
28.0
32.0
2.0
80
300
0.5
0.05
21.0
5.6
0.09
W11
CMPZDA33V
31.0
35.0
2.0
80
325
0.5
0.05
23.1
5.0
0.09
W12
ZENER
VOLTAGE
VZ @ IZT
µµµµµA
MAXIMUM
REVERSE
CURRENT
%/oC
MAXIMUM
ZENER IMPEDANCE
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
ΘVZ
CMPZDA3V6 THRU CMPZDA33V
DUAL ZENER DIODE
3.6 VOLTS THRU 33 VOLTS
350mW, 5% TOLERANCE
SOT-23 CASE
DESCRIPTION:
The
CENTRAL
SEMICONDUCTOR
CMPZDA3V6 Series Silicon Dual Zener Diode
is a high quality voltage regulator, connected
in a common anode configuration, for use in
industrial, commercial, entertainment and
computer applications.
ABSOLUTE MAXIMUM RATINGS
SYMBOL
UNIT
Power Dissipation (@TA=25oC)
PD
350
mW
Operating and Storage Temperature
TJ,Tstg
-65 to +150
oC
Thermal Resistance
ΘJA
357
oC/W
ELECTRICAL CHARACTERISTICS (TA=25oC), VF=0.9V MAX @ IF=10mA FOR ALL TYPES.


Similar Part No. - CMPZDA12V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZDA12V CENTRAL-CMPZDA12V Datasheet
121Kb / 2P
SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW
CMPZDA12V CENTRAL-CMPZDA12V Datasheet
401Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES 2.4 VOLTS
CMPZDA12V CENTRAL-CMPZDA12V Datasheet
395Kb / 2P
SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES
More results

Similar Description - CMPZDA12V

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84C3V3 CENTRAL-BZX84C3V3 Datasheet
92Kb / 2P
350mW ZENER DIODE 3.3 VOLTS THRU 33 VOLTS 5% TOLERANCE
CMOZ2L4 CENTRAL-CMOZ2L4 Datasheet
97Kb / 2P
ULTRAmini. LOW LEVEL ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4 Datasheet
97Kb / 2P
ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMPZ4099 CENTRAL-CMPZ4099 Datasheet
186Kb / 2P
LOW NOISE ZENER DIODE 6.8 VOLTS THRU 43 VOLTS 350mW,5% TOLERANCE
1N5221B CENTRAL-1N5221B Datasheet
173Kb / 2P
ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
CMPZDA2V4 CENTRAL-CMPZDA2V4 Datasheet
121Kb / 2P
SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW
CMDZ2V4 CENTRAL-CMDZ2V4 Datasheet
110Kb / 2P
SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CZ5333B CENTRAL-CZ5333B Datasheet
69Kb / 2P
5.0W SILICON ZENER DIODE 3.3 VOLTS THRU 200 VOLTS 5% TOLERANCE
1N957B CENTRAL-1N957B Datasheet
880Kb / 3P
SILICON ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com