Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT226024 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MT226024
Description  Multimode Relay MT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MT226024 Datasheet(HTML) 1 Page - Tyco Electronics

  MT226024 Datasheet HTML 1Page - Tyco Electronics MT226024 Datasheet HTML 2Page - Tyco Electronics MT226024 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
Industrial Relays
Multimode Relay MT
n
2/3 pole 10A, 2 form C (CO) or 3 form C (CO) contacts
n
DC and AC coils
n
Mechanical indicator as standard
n
Electrical indicator
n
New test system with front operated finger protected
push-to-test button and integral locking test tab
n
White write on panel
Typical applications
Mechanical engineering, plant control
Approvals
VDE REG.-Nr. 6182, UL E214025
Technical data of approved types on request
Contact Data
Contact arrangement
2 form C (CO) or 3 form C (CO)
Rated voltage
240VAC
Max. switching voltage
400VAC
Rated current
10A
10A
4A
Limiting making current, max. 20ms
20A
20A
8A
Limiting breaking current
10A
10A
4A
Switching power
2500VA
2500VA
500 VA
Contact material
AgNi90/10
AgNi90/10 AgNi90/10
-
gold plated gold plated
Contact style
single
single
bifurcated
contact
contact
contact
Min. recommended contact load
12V
20mV
20mV
at 10mA
at 1mA
at 1mA
Initial voltage drop
30mV at 100mA/6VAC/1kHz
Frequency of operation, with/without load
1200/6000h-1
Operate time max., DC coil
15ms
Release time max., DC coil
10ms
Bounce time max., DC coil, form A/form B
4/5ms
Contact ratings
Type
Contact
Load
Cycles
IEC 61810
MT22 DC coil C (CO)
10A, 250VAC, cos
φ=1, 35°C
100x103
MT22 AC coil C (CO)
10A, 250VAC, cos
φ=1, 35°C
20x103
MT32 DC coil C (CO)
10A, 250VAC, cos
φ=1, 35°C
100x103
MT32 AC coil C (CO)
10A, 250VAC, cos
φ=1, 35°C
20x103
MT2
C (CO)
10A, 250VAC, resistive, 40°
30x103
MT2
A (NO)/B (NC) B300 40°C
6.000
MT2
C (CO)
4A, 25VAC, resistive, bifurcated, 40°C 30x103
MT3
C (CO)
10A, 250VAC, resistive, 40°C
30x103
UL 508
MT3
A (NO)/B (NC) B300, 40°C
6.000
MT3
C (CO)
4A, 25VAC, resistive, bifurcated, 40°C 30x103
Contact Data (continued)
Mechanical endurance
DC coil
20x106 operations
AC coil
20x106 operations
Coil Data
Coil voltage range
6 to 220VDC
6 to 230VAC
Operative range, IEC 61810
2
Coil insulation system according UL
class 130 (B)
Coil versions, DC coil
Coil code
Rated
Operate
Release
Coil
Rated coil
STD
PD3)
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%1)2)
W
006
0A6
6
4.5
0.6
32
1.1
012
0B2
12
9.0
1.2
110
1.3
024
0C4
24
18.0
2.4
475
1.2
048
0E8
48
36.0
4.8
2000
1.2
060
0G0
60
45.0
6.0
2850
1.3
110
1B0
110
82.5
11.5
100001)
1.2
220
2C0
220
165.0
22.0
400002)
1.2
1) Coil resistance ±12%, 2) Coil resistance ±15%
3) Protection diode PD; standard polarity: 2-pole relays: +2 / -7, 3-pole relays: +2 / -10
All figures are given for coil without pre-energization, at ambient temperature +23°C
Coil versions, AC coil, 50/60Hz
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
50/60Hz
50/60Hz
50/60Hz
VAC
VAC
VAC
Ω±10%1)
VA
006
6
4.8/5.1
1.8
5.3
2.29/1.98
012
12
9.6/10.2
3.6
24
2.19/1.86
024
24
19.2/20.4
7.2
86
2.26/1.95
048
48
38.4/40.8
14.4
345
2.28/1.97
060
60
48.0/51.0
18.0
544
2.27/1.96
115
115
92.0/97.8
34.5
2000
2.37/2.00
230
230
184.0/195.5
69.0
83001)
2.32/1.96
1) Coil resistance ±12%
All figures are given for coil without pre-energization, at ambient temperature +23°C
F0161-B
Z
V


Similar Part No. - MT226024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MT226024 MACOM-MT226024 Datasheet
216Kb / 3P
Multimode Relay
More results

Similar Description - MT226024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT-X512 ETC1-MT-X512 Datasheet
118Kb / 3P
MT-X512
logo
Tyco Electronics
MT221012 MACOM-MT221012 Datasheet
216Kb / 3P
Multimode Relay
MT78750 MACOM-MT78750 Datasheet
334Kb / 4P
Accessories Multimode Relay MT
logo
Molex Electronics Ltd.
0885237403 MOLEX10-0885237403 Datasheet
90Kb / 2P
MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 4.0m (13.12)
0885237405 MOLEX10-0885237405 Datasheet
90Kb / 2P
MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125關m, Duplex, 1.60mm (.063), Standard Fiber Optic Cable Assembly, 15.0m (49.21)
88523-7400 MOLEX11-88523-7400 Datasheet
31Kb / 1P
MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 1.0m
88523-7401 MOLEX11-88523-7401 Datasheet
31Kb / 1P
MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 2.0m
88523-7403 MOLEX11-88523-7403 Datasheet
31Kb / 1P
MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 4.0m
88523-7405 MOLEX11-88523-7405 Datasheet
31Kb / 1P
MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 15.0m
88523-7406 MOLEX11-88523-7406 Datasheet
31Kb / 1P
MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 30.0m
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com