Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSCE4LS1C1A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSCE4LS1C1A
Description  Peach SMD LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSCE4LS1C1A Datasheet(HTML) 1 Page - OptoSupply International

  OSCE4LS1C1A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
3
3..5
5x
x2
2..8
8x
x1
1..9
9m
mm
m P
Pe
ea
ac
ch
h S
SM
MD
D L
LE
ED
D
OSCE4LS1C1A
■
Features
■
Outline Dimension
●
High Luminous PLCC2 Top SMD LEDs
●
33..55xx22..88xx11..99mm Standard Directivity
●
Long Lifetime Operation
●
Superior Weather-resistance
●
Yellow Diffused Type
■
Applications
●
Backlighting (switches, keys, displays,
illuminated advertising etc.)
●
Substitution of Micro Incandescent Lamps
●
Reading Lamps / Emergency Lighting
●
Marker lights (e.g. steps, exit ways, etc.)
●
Other Lighting
.
Unit:mm
Tolerance:+0.30mm
■
Absolute Maximum Rating
(Ta=25℃)
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
108
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40~ +100
℃
Lead Soldering Temperature
Tsol
260
℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
■
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
2.8
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Luminous Flux
Φ
v
IF=20mA
4.5
4.9
-
lm
x
IF=20mA
-
0.386
-
Chromaticity
Coordinates*
y
IF=20mA
-
0.275
-
50% Power Angle
2θ1/2
IF=20mA
-
120
-
deg
*1 Luminous Flux Measurement allowance is ±15%
*2 Chromaticity Coordinates Measurement allowance is ±10%
LED & Application Technologies


Similar Part No. - OSCE4LS1C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSCE4L3131A OPTOSUPPLY-OSCE4L3131A Datasheet
89Kb / 1P
Round Peach LED
OSCE4L5111A OPTOSUPPLY-OSCE4L5111A Datasheet
90Kb / 1P
Round Peach LED
OSCE4LZ281P OPTOSUPPLY-OSCE4LZ281P Datasheet
91Kb / 1P
Deluxe Power Super Flux Peach LED
More results

Similar Description - OSCE4LS1C1A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LM1-PBG1-01-N1 CREE-LM1-PBG1-01-N1 Datasheet
323Kb / 5P
SMD LED
logo
OptoSupply Internationa...
OSCE4L3131A OPTOSUPPLY-OSCE4L3131A Datasheet
89Kb / 1P
Round Peach LED
OSCE4L5111A OPTOSUPPLY-OSCE4L5111A Datasheet
90Kb / 1P
Round Peach LED
OSCE4LZ281P OPTOSUPPLY-OSCE4LZ281P Datasheet
91Kb / 1P
Deluxe Power Super Flux Peach LED
OSCE4TS4C1A OPTOSUPPLY-OSCE4TS4C1A Datasheet
122Kb / 1P
Peach Top SMD LED
OSCG4L3131A OPTOSUPPLY-OSCG4L3131A Datasheet
89Kb / 1P
Round Orange Peach LED
OSCG4L5111A OPTOSUPPLY-OSCG4L5111A Datasheet
95Kb / 1P
Round Orange Peach LED
OSCG4LS1C1A OPTOSUPPLY-OSCG4LS1C1A Datasheet
90Kb / 1P
Orange Peach SMD LED
OSCG4LZ281P OPTOSUPPLY-OSCG4LZ281P Datasheet
91Kb / 1P
Deluxe Power Super Flux Orange Peach LED
OSCG4TS4C1A OPTOSUPPLY-OSCG4TS4C1A Datasheet
123Kb / 1P
Orange Peach Top SMD LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com