Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2201F2LB0 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # R2201F2LB0
Description  R SERIES SNAP-IN ROCKER SWITCHES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R2201F2LB0 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  R2201F2LB0 Datasheet HTML 1Page - List of Unclassifed Manufacturers R2201F2LB0 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
N
APEM, 63 NECK ROAD, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
'BUILD YOUR OWN SWITCH' ORDER FORMAT
Fill in boxes with selections shown for complete model number.
Allowable selections are shown below each respective box.
Note 'NONE' indicates box may be left empty.
Additional ordering information: Commonly ordered models are shown above with complete model numbers and specificat-
ions. Below is an order format that enables you to 'build your own switch' and specify the correct switch model number by simply
selecting from all available options shown and filling in the boxes.
R
1 Single pole
2 Double pole
Series
Number
Electrical
Terminals
Actuator
Actuator
Marking/
of poles
functions
shape
type
lens color
Example of completely specified
model number:
R2301C6NBRW
TERMINALS
PANEL CUT-OUTS
QUICK-CONNECT
SOLDER LUG
SCREW
N39
R SERIES SNAP-IN ROCKER SWITCHES
L Illuminated
N non-illum.
C round lens
R square lens
Illuminated
Case
Actuator
Waterproof
type
color
color
cover
A
Gray
B
Black
W White
(NONE)
W Waterproof
0
Quick-connect
1
Solder lug
3
Screw type
0
1
Single
2
Twin
1 ON
OFF
2 ON
ON
*3 ON
OFF
ON
4 (ON) OFF
5 (ON) ON
*6 (ON) OFF
(ON)
*7 (ON) OFF
ON
parenthesis = momentary
*Not available with flat actuator
C
Curved
F
Flat
Note: only
flat actuator
is available
with full
illumination-
i.e.-no lens
1
HI LO
2
No marking
3
ON OFF
4
O I
5
O
6
O II
TWIN ACTUATORS:
7
G Green lens
R
Red lens
O Orange lens
13
pnl. tk'ness.
A +0, -.004
B +.006, -.0
.029-.049"
1.181"
.866"
.050-.078"
1.189"
.866"
.079-.118"
1.200"
.866"
New!
Double pole - illuminated - quick connect terminals - flat actuator
0II
0I
Parenthesis indicates momentary
action. Models in table have orange
actuator and black case.
MODEL NO.
CIRCUIT
R2101F2LB0
ON
OFF
R2201F2LB0
ON
ON
R2401F2LB0
(ON)
OFF
R2501F2LB0
(ON)
ON
*Flat actuator not available in 3 position.
A
Gray
B
Black
G Green
O Orange
R Red
W White



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com