Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC250 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # SC250
Description  BIDIRECTIONAL TRIODE THYRISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

SC250 Datasheet(HTML) 2 Page - Digitron Semiconductors

  SC250 Datasheet HTML 1Page - Digitron Semiconductors SC250 Datasheet HTML 2Page - Digitron Semiconductors SC250 Datasheet HTML 3Page - Digitron Semiconductors SC250 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
SC250, SC251, SC250()3 SERIES
BIDIRECTIONAL TRIODE THYRISTOR
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Gate trigger voltage
(VD = 12V)
MT2(+), G(+); MT2(-), G(-); RL = 100Ω)
MT2(+), G(-);RL = 50Ω)
VGT
-
-
-
-
2.5
2.5
Volts
Gate trigger voltage
(VD = 12V, TC = -40°C)
MT2(+), G(+); MT2(-), G(-); RL = 50Ω)
MT2(+), G(-);RL = 25Ω)
VGT
-
-
-
-
3.5
3.5
Volts
DC gate non-trigger voltage (all trigger modes)
(VD = Rated VDRM, RL = 1kΩ, TC = 115°C)
VGD
0.20
-
-
Volts
Holding current
(VD = 24V, peak initiating current = 0.5A, pulse width =
0.1 to 10ms, gate trigger source = 7V, 20Ω)
TC = 25°C
TC = -40°C
IH
-
-
-
-
50
100
mA
Latching current
(VD = 24V, gate trigger source = 15V, pulse width = 50µs,
maximum rise and fall times)
MT2(+), G(+); MT2(-), G(-)
MT2(+), G(-), TC = 25°C
MT2(+), G(+); MT2(-), G(-)
MT2(+), G(-), TC = -40°C
IL
-
-
-
-
100
200
mA
MECHANICAL CHARACTERISTICS
Case
Digi PF2 (SC251 Series)
Marking
Body painted, alpha-numeric
Polarity
Cathode is stud
DIGI PF2
Inches
Millimeters
Min
Max
Min
Max
A
0.501
0.505
12.730
12.830
B
0.465
0.475
11.810
12.060
C
0.330
0.380
8.390
9.650
E
0.100
-
2.540
-
F
0.035
0.085
0.890
2.160
J
0.080
0.097
2.040
2.460
K
-
0.800
-
20.320
N
-
0.510
-
12.950
Q
0.065
0.160
1.650
4.060
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130213



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com