Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC245M Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # SC245M
Description  THYRISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

SC245M Datasheet(HTML) 2 Page - Digitron Semiconductors

  SC245M Datasheet HTML 1Page - Digitron Semiconductors SC245M Datasheet HTML 2Page - Digitron Semiconductors SC245M Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
SC245, SC246, (MAC245) SC245()3 SERIES
THYRISTOR
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Gate trigger voltage (3)
(VD = 12V), trigger mode
MT2(+), G(+),RL = 100Ω
MT2(-), G(-), RL = 100Ω
MT2(+), G(-), RL = 50Ω
MT2(+), G(+), RL = 50Ω, TC = -40°C
MT2(-), G(-), RL = 50Ω, TC = -40°C
MT2(+), G(-), RL = 25Ω, TC = -40°C
MT2(+), G(+), RL = 1000Ω, TC = 100°C (4)
MT2(-), G(-), RL = 1000Ω, TC = 100°C (4)
MT2(+), G(-), RL = 1000Ω, TC = 100°C (4)
MT2(-), G(+), RL = 1000Ω, TC = 100°C (4)
VGT
-
-
-
-
-
-
0.2
0.2
0.2
0.2
-
-
-
-
-
-
-
-
-
-
2.5
2.5
2.5
3.5
3.5
3.5
-
-
-
-
Volts
Holding current (2)
(main terminal voltage = 24V, peak initiating current = 0.5A,
pulse width = 0.1 to 10ms, gate trigger source = 7V, 20Ω)
TC = 25°C
TC = -40°C
IH
-
-
-
-
50
100
mA
Latching current (2)
(main terminal voltage = 24V, gate trigger source = 15V, 100Ω,
pulse width = 50µs, rise and fall times maximum = 5µs)
MT2(+), G(+)
MT2(-), G(-)
MT2(+), G(-)
MT2(+), G(+),TC = -40°C
MT2(-), G(-), TC = -40°C
MT2(+), G(-), TC = -40°C
IL
-
-
-
-
-
-
-
-
-
-
-
-
100
100
200
200
200
400
mA
Note 2: Values apply for either polarity of Main Terminal 2 characteristics referenced to Main Terminal 1.
Note 3: Main Terminal 1 is the reference terminal.
Note 4: With VD to rated off-state voltage.
MECHANICAL CHARACTERISTICS
Case
Digi PF1 (SC246 Series)
Marking
Body painted, alpha-numeric
Polarity
Cathode is stud
DIGI PF1
Inches
Millimeters
Min
Max
Min
Max
A
0.501
0.505
12.730
12.830
F
-
0.160
-
4.060
G
0.085
0.095
2.160
2.410
H
0.060
0.070
1.520
1.780
J
0.300
0.350
7.620
8.890
K
-
1.050
-
26.670
L
-
0.670
-
17.020
Q
0.055
0.085
1.400
2.160
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130213



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com