Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSST175 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # JSST175
Description  P-Channel JFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

JSST175 Datasheet(HTML) 4 Page - Vishay Siliconix

  JSST175 Datasheet HTML 1Page - Vishay Siliconix JSST175 Datasheet HTML 2Page - Vishay Siliconix JSST175 Datasheet HTML 3Page - Vishay Siliconix JSST175 Datasheet HTML 4Page - Vishay Siliconix JSST175 Datasheet HTML 5Page - Vishay Siliconix JSST175 Datasheet HTML 6Page - Vishay Siliconix JSST175 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
J/SST174/175/176/177 Series
Vishay Siliconix
www.vishay.com
9-4
Document Number: 70257
S-04030—Rev. E, 04-Jun-01
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
200
06
8
10
4
2
160
0
–100
–80
–60
–40
–20
0
On-Resistance and Drain Current
vs. Gate-Source Cutoff Voltage
VGS(off) – Gate-Source Cutoff Voltage (V)
rDS @ ID = –1 mA, VGS = 0 V
IDSS @ VDS = –15 V, VGS = 0 V
IDSS
rDS
120
80
40
18
0
15
12
9
6
3
68
10
2
250
200
150
100
50
0
Forward Transconductance and Output Conductance
vs. Gate-Source Cutoff Voltage
VGS(off) – Gate-Source Cutoff Voltage (V)
gfs and gos @ VDS = –15 V
VGS = 0 V, f = 1 kHz
gfs
gos
4
Output Characteristics
VDS – Drain-Source Voltage (V)
1.0 V
0.5 V
1.5 V
2.0 V
–25
0
–12
–16
–20
–20
–15
–10
–5
0
–8
–4
VGS(off) = 3 V
VGS = 0 V
Output Characteristics
VDS – Drain-Source Voltage (V)
1.5 V
2.0 V
–2
0
–0.3
–0.4
–0.5
–1.6
–1.2
–0.8
–0.4
0
–0.2
–0.1
VGS(off) = 3 V
VGS = 0 V
250
200
150
100
50
0
–1
–10
–100
On-Resistance vs. Drain Current
ID – Drain Current (mA)
TA = 25_C
VGS(off) = 1.5 V
3 V
5 V
300
–55
25
125
0
–15
85
On-Resistance vs. Temperature
TA – Temperature (_C)
VGS(off) = 1.5 V
3 V
5 V
ID = –1 mA
rDS changes X 0.7%/
_C
240
180
120
60
–35
5
45
65
105
1.0 V
0.5 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com