Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB2J29-R Datasheet(PDF) 3 Page - STMicroelectronics

Part # STBB2J29-R
Description  800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB2J29-R Datasheet(HTML) 3 Page - STMicroelectronics

  STBB2J29-R Datasheet HTML 1Page - STMicroelectronics STBB2J29-R Datasheet HTML 2Page - STMicroelectronics STBB2J29-R Datasheet HTML 3Page - STMicroelectronics STBB2J29-R Datasheet HTML 4Page - STMicroelectronics STBB2J29-R Datasheet HTML 5Page - STMicroelectronics STBB2J29-R Datasheet HTML 6Page - STMicroelectronics STBB2J29-R Datasheet HTML 7Page - STMicroelectronics STBB2J29-R Datasheet HTML 8Page - STMicroelectronics STBB2J29-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
DocID022745 Rev 9
3/25
STBB2
Application schematic
1
Application schematic
Figure 1. Application schematic for fixed version
Figure 2. Application schematic for adjustable version
Note:
All the above components refer to a typical application. Operation of the device is not limited
to the choice of these external components.
Table 2. Typical external components
Component
Manufacturer
Part number
Value
Size
C1
Murata
GRM188R60J106M
10 µF
0603
TDK-EPC
C1608X5R0J106M
C2
Murata
GRM188R61C105K
1 µF
0603
C3, C4
Murata
GRM188R60J106M
10 µF
0603
TDK-EPC
C1608X5R0J106M
L(1)
1.
Inductor used for the maximum power capability. Optimized choice can be made according to the
application conditions (see Section 8).
Murata
LQH3NPN1R0NM0
1.0 µH
3 x 3 x 1.4 mm
Coilcraft
LPS3015-102ML
3.0 x 3.0 x 1.5 mm
TDK-EPC
VLS252010ET1R0N
2.5 x 2 x 1 mm
R1
Depending on the output voltage, 0
Ω for fixed output version
R2
Depending on the output voltage, not used for fixed output
version
FB
VOUT
SW2
SW1
VIN
VINA
L1
PGND
GND
BP
EN
MODE
VSEL
VINA1
VBAT
C3
C4
C1
C2
FB
VOUT
SW2
SW1
VIN
VINA
L1
PGND
GND
BP
EN
VSEL
MODE
VINA1
VBAT
C1
C2
R1
R2
C4
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com