Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF40N20 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STF40N20
Description  N-channel 200V - 0.038 -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF40N20 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STF40N20 Datasheet HTML 7Page - STMicroelectronics STF40N20 Datasheet HTML 8Page - STMicroelectronics STF40N20 Datasheet HTML 9Page - STMicroelectronics STF40N20 Datasheet HTML 10Page - STMicroelectronics STF40N20 Datasheet HTML 11Page - STMicroelectronics STF40N20 Datasheet HTML 12Page - STMicroelectronics STF40N20 Datasheet HTML 13Page - STMicroelectronics STF40N20 Datasheet HTML 14Page - STMicroelectronics STF40N20 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STB40N20 - STP40N20 - STP40N20FP - STW40N20
Package mechanical data
11/18
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com