Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP40N20FP Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP40N20FP
Description  N-channel 200V - 0.038 -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP40N20FP Datasheet(HTML) 3 Page - STMicroelectronics

  STP40N20FP Datasheet HTML 1Page - STMicroelectronics STP40N20FP Datasheet HTML 2Page - STMicroelectronics STP40N20FP Datasheet HTML 3Page - STMicroelectronics STP40N20FP Datasheet HTML 4Page - STMicroelectronics STP40N20FP Datasheet HTML 5Page - STMicroelectronics STP40N20FP Datasheet HTML 6Page - STMicroelectronics STP40N20FP Datasheet HTML 7Page - STMicroelectronics STP40N20FP Datasheet HTML 8Page - STMicroelectronics STP40N20FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STB40N20 - STP40N20 - STP40N20FP - STW40N20
Electrical ratings
3/18
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220
D2PAK
TO-247
TO-220FP
VDS
Drain-source voltage (VGS = 0)
200
V
VGS
Gate- source voltage
± 20
V
ID
(1)
1.
Value limited by wire bonding
Drain current (continuous) at TC = 25°C
40
A
ID
(1)
Drain current (continuous) at TC = 100°C
25
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
160
A
Ptot
Total dissipation at TC = 25°C
160
40
W
Derating Factor
1.28
0.32
W/°C
dv/dt (3)
3.
ISD ≤40A, di/dt ≤200A/µs, VDD ≤V(BR)DSS, Tj ≤TJMAX
Peak diode recovery voltage slope
12
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t = 1s; Tc = 25°C)
--
2500
V
Tstg
Storage temperature
-55 to 150
°C
Tj
Max. operating junction temperature
Table 2.
Thermal data
TO-220
D2PAK
TO-247
TO-220FP
Rthj-case Thermal resistance junction-case max
0.78
3.1
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
50
62.5
°C/W
TJ
Maximum lead temperature for soldering
purpose(1)
1.
for 10 sec. 1.6mm from case
300
°C
Table 3.
Avalanche characteristics
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-
Repetitive
(pulse width limited by Tj max)
40
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
230
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com