Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151x8 Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM8L151x8
Description  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151x8 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM8L151x8 Datasheet HTML 103Page - STMicroelectronics STM8L151x8 Datasheet HTML 104Page - STMicroelectronics STM8L151x8 Datasheet HTML 105Page - STMicroelectronics STM8L151x8 Datasheet HTML 106Page - STMicroelectronics STM8L151x8 Datasheet HTML 107Page - STMicroelectronics STM8L151x8 Datasheet HTML 108Page - STMicroelectronics STM8L151x8 Datasheet HTML 109Page - STMicroelectronics STM8L151x8 Datasheet HTML 110Page - STMicroelectronics STM8L151x8 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 134 page
background image
DocID17943 Rev 6
107/134
STM8L15xx8, STM8L15xR6
Electrical parameters
121
9.3.9
LCD controller (STM8L152xx only)
In the following table, data are guaranteed by Design, not tested in production.
VLCD external capacitor (STM8L152xx only)
The application can achieve a stabilized LCD reference voltage by connecting an external
capacitor CEXT to the VLCD pin. CEXT is specified in Table 45.
Table 45. LCD characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
VLCD
LCD external voltage
3.6
V
VLCD0
LCD internal reference voltage 0
2.6
VLCD1
LCD internal reference voltage 1
2.7
VLCD2
LCD internal reference voltage 2
2.8
VLCD3
LCD internal reference voltage 3
3.0
VLCD4
LCD internal reference voltage 4
3.1
VLCD5
LCD internal reference voltage 5
3.2
VLCD6
LCD internal reference voltage 6
3.4
VLCD7
LCD internal reference voltage 7
3.5
CEXT
VLCD external capacitance
0.1
1
2
µF
IDD
Supply current(1) at VDD = 1.8 V
1. LCD enabled with 3 V internal booster (LCD_CR1 = 0x08), 1/4 duty, 1/3 bias, division ratio= 64, all pixels
active, no LCD connected.
3
µA
Supply current(1) at VDD = 3 V
3
RHN(2)
2. RHN is the total high value resistive network.
High value resistive network (low drive)
6.6
M
Ω
RLN(3)
3. RLN is the total low value resistive network.
Low value resistive network (high drive)
240
k
Ω
V33
Segment/Common higher level voltage
VLCDx
V
V34
Segment/Common 3/4 level voltage
3/4VLCDx
V23
Segment/Common 2/3 level voltage
2/3VLCDx
V12
Segment/Common 1/2 level voltage
1/2VLCDx
V13
Segment/Common 1/3 level voltage
1/3VLCDx
V14
Segment/Common 1/4 level voltage
1/4VLCDx
V0
Segment/Common lowest level voltage
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com