Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151x8 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM8L151x8
Description  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151x8 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM8L151x8 Datasheet HTML 27Page - STMicroelectronics STM8L151x8 Datasheet HTML 28Page - STMicroelectronics STM8L151x8 Datasheet HTML 29Page - STMicroelectronics STM8L151x8 Datasheet HTML 30Page - STMicroelectronics STM8L151x8 Datasheet HTML 31Page - STMicroelectronics STM8L151x8 Datasheet HTML 32Page - STMicroelectronics STM8L151x8 Datasheet HTML 33Page - STMicroelectronics STM8L151x8 Datasheet HTML 34Page - STMicroelectronics STM8L151x8 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 134 page
background image
DocID17943 Rev 6
31/134
STM8L15xx8, STM8L15xR6
Pin description
61
71 59
-
PC4/USART1_CK/
I2C1_SMB/ [CCO](2)/
LCD_SEG24(3)/
ADC1_IN4/[COMP2_INM]
/[COMP1_INP]
I/O FT(5) X
XX HS X
X Port C4
USART1 synchronous clock
/ I2C1_SMB / [Configurable
clock output] / LCD segment
24 / ADC1_IN4 /
[Comparator 2 negative
input] / [Comparator 1
positive input]
--
43
PC4/USART1_CK/
I2C1_SMB/[CCO](2)/
LCD_SEG24(3)/ADC1_IN4/
[COMP2_INM] /
[COMP1_INP] /
[LCD_COM4]
I/O FT(5) X
XX HS X
X Port C4
USART1 synchronous clock
/ I2C1_SMB / [Configurable
clock output] / LCD segment
24 / ADC1_IN4 /
[Comparator 2 negative
input] / [Comparator 1
positive input] /
[LCD_COM4](3)
72 60 44
PC5/OSC32_IN
/[SPI1_NSS](2)/
[USART1_TX](2)
I/O FT(5) X
XX HS X
X Port C5
LSE oscillator input / [SPI1
master/slave select] /
[USART1 transmit]
73 61 45
PC6/OSC32_OUT/
[SPI1_SCK](2)/
[USART1_RX](2)
I/O FT(5) X
XX HS X
X Port C6
LSE oscillator output / [SPI1
clock] / [USART1 receive]
74 62
-
PC7/LCD_SEG25(3)/
ADC1_IN3/[COMP2_INM]
/ [COMP1_INP]
I/O FT(5) X
XX HS X
X Port C7
LCD segment 25
/ADC1_IN3/ [Comparator 2
negative input] /
[Comparator 1 positive input]
--
46
PC7/LCD_SEG25(3)/
ADC1_IN3/USART3_CK/
[COMP2_INM] /
[COMP1_INP] /
[LCD_COM5]
I/O FT(5) X
XX HS X
X Port C7
LCD segment 25
/ADC1_IN3/ USART3
synchronous clock/
[Comparator 2 negative
input] / [Comparator 1
positive input]/
[LCD_COM5](3)
Table 5. High density and medium+ density STM8L15x pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com