Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP36N55M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP36N55M5
Description  N-channel 550 V, 0.06 typ., 33 A MDmesh V Power MOSFET in TO-220 and TO-247 packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP36N55M5 Datasheet(HTML) 1 Page - STMicroelectronics

  STP36N55M5 Datasheet HTML 1Page - STMicroelectronics STP36N55M5 Datasheet HTML 2Page - STMicroelectronics STP36N55M5 Datasheet HTML 3Page - STMicroelectronics STP36N55M5 Datasheet HTML 4Page - STMicroelectronics STP36N55M5 Datasheet HTML 5Page - STMicroelectronics STP36N55M5 Datasheet HTML 6Page - STMicroelectronics STP36N55M5 Datasheet HTML 7Page - STMicroelectronics STP36N55M5 Datasheet HTML 8Page - STMicroelectronics STP36N55M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
October 2012
Doc ID 022902 Rev 2
1/15
15
STP36N55M5
STW36N55M5
N-channel 550 V, 0.06
Ω typ., 33 A MDmesh™ V Power MOSFET
in TO-220 and TO-247 packages
Datasheet — production data
Features
■ Worldwide best RDS(on) * area
■ Higher VDSS rating and high dv/dt capability
■ Excellent switching performance
■ 100% avalanche tested
Applications
■ Switching applications
Description
These devices are N-channel MDmesh™ V
Power MOSFETs based on an innovative
proprietary vertical process technology, which is
combined with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
Figure 1.
Internal schematic diagram
Order codes
VDSS @
TJmax
RDS(on)
max
ID
STP36N55M5
600 V
< 0.08
Ω
33 A
STW36N55M5
TO-247
TO-220
1
2
3
TAB
1
2
3
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STP36N55M5
36N55M5
TO-220
Tube
STW36N55M5
TO-247
www.st.com


Similar Part No. - STP36N55M5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP36N55M5 ISC-STP36N55M5 Datasheet
301Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP36N55M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW88N65M5 STMICROELECTRONICS-STW88N65M5 Datasheet
1Mb / 15P
N-channel 650 V, 0.024 廓 typ., 84 A, MDmesh??V Power MOSFET in TO-247 and TO-247 long leads packages
30-Nov-2012
STF31N65M5 STMICROELECTRONICS-STF31N65M5 Datasheet
1Mb / 25P
N-channel 650 V, 0.124 typ., 22 A MDmesh V Power MOSFET in D2PAK, TO-220FP, I2PakFP, TO-220 and TO-247 packages
05-Mar-2013
STP18N65M5 STMICROELECTRONICS-STP18N65M5 Datasheet
954Kb / 19P
N-channel 650 V, 0.198 typ., 15 A MDmesh V Power MOSFET in TO-220FP, IPAK, TO-220 and TO-247 packages
19-Jul-2012
STW45N65M5 STMICROELECTRONICS-STW45N65M5 Datasheet
1Mb / 20P
N-channel 650 V, 0.067 typ., 35 A MDmesh V Power MOSFET in D2PAK, TO-220FP and TO-220 packages
05-Mar-2013
STF20N65M5 STMICROELECTRONICS-STF20N65M5 Datasheet
1Mb / 21P
N-channel 650 V, 0.160 Ω typ., 18 A MDmesh™ V Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
February 2013 Rev 2
STF34N65M5 STMICROELECTRONICS-STF34N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.09 typ., 28 A MDmesh V Power MOSFETs in D2PAK, I2PAK, TO-220 and TO-247 packages
02-Oct-2013
STFW69N65M5 STMICROELECTRONICS-STFW69N65M5 Datasheet
672Kb / 16P
N-channel 650 V, 0.037 Ω typ., 58 A MDmesh™ V Power MOSFET in TO-3PF and TO-247 packages
28-Sep-2012
STB33N60DM2 STMICROELECTRONICS-STB33N60DM2 Datasheet
1Mb / 20P
N-channel 600 V, 0.110 Ω typ., 24 A MDmesh™ DM2 Power MOSFET in D²PAK, TO-220 and TO-247 packages
November 2015 Rev 2
STX42N65M5 STMICROELECTRONICS-STX42N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 0.070 Ω, 33 A MDmesh™ V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
12-Jun-2009
STP45N60DM6 STMICROELECTRONICS-STP45N60DM6 Datasheet
331Kb / 15P
N-channel 600 V, 0.085 Ω typ., 30 A MDmesh DM6 Power MOSFETs in TO-220 and TO-247 packages
July 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com