Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW18N65M5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STW18N65M5
Description  N-channel 650 V, 0.198 typ., 15 A MDmesh V Power MOSFET in TO-220FP, IPAK, TO-220 and TO-247 packages
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW18N65M5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STW18N65M5 Datasheet HTML 3Page - STMicroelectronics STW18N65M5 Datasheet HTML 4Page - STMicroelectronics STW18N65M5 Datasheet HTML 5Page - STMicroelectronics STW18N65M5 Datasheet HTML 6Page - STMicroelectronics STW18N65M5 Datasheet HTML 7Page - STMicroelectronics STW18N65M5 Datasheet HTML 8Page - STMicroelectronics STW18N65M5 Datasheet HTML 9Page - STMicroelectronics STW18N65M5 Datasheet HTML 10Page - STMicroelectronics STW18N65M5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
STF18N65M5, STI18N65M5, STP18N65M5, STW18N65M5
Electrical characteristics
Doc ID 022879 Rev 3
7/19
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Gate charge vs gate-source voltage Figure 11.
Static drain-source on-resistance
Figure 12.
Capacitance variations
Figure 13.
Output capacitance stored energy
ID
15
10
5
0
0
10
VDS(V)
20
(A)
5
15
20
25
VGS= 6 V
VGS= 7 V
VGS= 8 V
VGS= 9, 10 V
30
35
AM12472v1
ID
15
10
5
0
3
5
VGS(V)
7
(A)
4
6
8
20
25
9
VDS= 25 V
30
35
AM12486v1
VGS
6
4
2
0
0
5
Qg(nC)
(V)
20
8
10
15
10
VDD=520V
ID=7.5A
300
200
100
0
400
500
VDS
(V)
VDS
25
30
12
AM12474v1
RDS(on)
0.19
0.18
0.17
0.16
0
6
ID(A)
(
Ω)
4
8
0.2
0.21
0.22
VGS=10V
0.23
0.24
2
10
12
14
AM12475v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
10000
100
Ciss
Coss
Crss
AM12476v1
Eoss
2
1
0
0
VDS(V)
(µJ)
400
3
200
4
5
600
6
AM12484v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com