Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1658641-2 Datasheet(PDF) 21 Page - Tyco Electronics

Part # 1658641-2
Description  HDP-20 Crimp Snap-In Contact Connectors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1658641-2 Datasheet(HTML) 21 Page - Tyco Electronics

Back Button 1658641-2 Datasheet HTML 17Page - Tyco Electronics 1658641-2 Datasheet HTML 18Page - Tyco Electronics 1658641-2 Datasheet HTML 19Page - Tyco Electronics 1658641-2 Datasheet HTML 20Page - Tyco Electronics 1658641-2 Datasheet HTML 21Page - Tyco Electronics 1658641-2 Datasheet HTML 22Page - Tyco Electronics 1658641-2 Datasheet HTML 23Page - Tyco Electronics 1658641-2 Datasheet HTML 24Page - Tyco Electronics 1658641-2 Datasheet HTML 25Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
110
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
HDE-20 IDC Connectors for Discrete Wire and Jacketed Cable
Product Selection Guide
Connector
Insert
Shell Type
Type
Material
Material and Finish
Mounting
94V-0 Rated
Thermoplastic,
Black
All-Plastic
(pg. 112)
Metal-Shell
(pg. 114)
Metal-Shell
(pg. 115)
94V-0 Rated
Thermoplastic,
Black
All-Plastic
(pg. 113)
Tin Plated Steel
Tin Plated Steel
.120
[3.05]
Dia. Holes
.120
[3.05]
Dia. Holes
Contacts
Pre-Loaded*
Type
Termination
Plating
Pins
Sockets
Insulation
Displacement
* Interchangeable crimp
snap-in contacts
available, see page 121
Insulation
Displacement
* Interchangeable crimp
snap-in contacts
available, see page 121
Duplex
(.000030
[0.00076]
Gold and
Tin)
Duplex
(Gold Flash
and Tin)
Duplex
(.000030
[0.00076]
Gold and
Tin)
Duplex
(Gold Flash
and Tin)
±
±
±
±
±
±
Receptacle
Plug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com