Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSHD3-40 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CSHD3-40
Description  SCHOTTKY RECTIFIER SINGLE, 3.0 AMPS, 40 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSHD3-40 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CSHD3-40 Datasheet HTML 1Page - Central Semiconductor Corp CSHD3-40 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
256
MAXIMUM RATINGS: (TC=25
oC unless otherwise noted)
SYMBOL
UNITS
Peak Working Reverse Voltage
VRWM
40
V
DC Blocking Voltage
VR
40
V
Average Rectified Forward Current (TC=125
oC)
IO
3.0
A
Peak Repetitive Forward Current (TC=125
oC)
IFRM
6.0
A
Peak Forward Surge Current
IFSM
75
A
Peak Repetitive Reverse Surge Current (tp=2
µs)
IRRM
1.0
A
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +150
oC
Thermal Resistance
ΘJC
6.0
oC/W
ELECTRICAL CHARACTERISTICS: (TC=25
oC unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=40V
200
µA
IR
VR=40V, TC=125
oC
20
mA
VF
IF=3.0A
0.60
V
VF
IF=3.0A, TC=125
oC
0.45
V
VF
IF=6.0A
0.70
V
VF
IF=6.0A, TC=125
oC
0.625
V
CSHD3-40
SCHOTTKY RECTIFIER
SINGLE, 3.0 AMPS, 40 VOLTS
DPAK CASE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR
CSHD3-40, Silicon Schottky Rectifier is a high
quality, well constructed, highly reliable
component designed for use in all types of
commercial, industrial, entertainment,
computer and automative applications.
NEW
DPAK
!


Similar Part No. - CSHD3-40

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHD3-40 CENTRAL-CSHD3-40_10 Datasheet
423Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 3 AMP, 40 VOLTS
CSHD3-40 CENTRAL-CSHD3-40_15 Datasheet
498Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
More results

Similar Description - CSHD3-40

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHD3-100 CENTRAL-CSHD3-100 Datasheet
79Kb / 2P
SCHOTTKY RECTIFIER SINGLE, 3.0 AMPS, 100 VOLTS HIGH VOLTAGE
CSHD3-60 CENTRAL-CSHD3-60 Datasheet
139Kb / 2P
SCHOTTKY RECTIFIER SINGLE, 3.0 AMPS, 60 VOLTS
logo
ON Semiconductor
MBR340 ONSEMI-MBR340 Datasheet
58Kb / 4P
SCHOTTKY BARRIER RECTIFIER 3.0 AMPERES 40 VOLTS
January, 2002 ??Rev. 3
logo
Solid States Devices, I...
SSR4045CT-3 SSDI-SSR4045CT-3 Datasheet
42Kb / 2P
40 AMPS 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR4010-3 SSDI-SSR4010-3 Datasheet
145Kb / 2P
40 AMPS 100 VOLTS SCHOTTKY RECTIFIER
SSR2040 SSDI-SSR2040 Datasheet
203Kb / 2P
20 AMPS 40 VOLTS SCHOTTKY RECTIFIER
SSR2040J SSDI-SSR2040J Datasheet
196Kb / 2P
20 AMPS 40 VOLTS SCHOTTKY RECTIFIER
SSR2040M SSDI-SSR2040M Datasheet
212Kb / 2P
20 AMPS 40 VOLTS SCHOTTKY RECTIFIER
SSR2040C SSDI-SSR2040C Datasheet
292Kb / 2P
20 AMPS 40 VOLTS SCHOTTKY RECTIFIER
SSR4040CT SSDI-SSR4040CT Datasheet
214Kb / 2P
40 AMPS 40 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com