Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSHD6-100C Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CSHD6-100C
Description  SCHOTTKY RECTIFIER DUAL,COMMON CATHODE 6.0 AMPS, 100 VOLTS HIGH VOLTAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSHD6-100C Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CSHD6-100C Datasheet HTML 1Page - Central Semiconductor Corp CSHD6-100C Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Semiconductor Corp.
TM
340
CSHD6-100C
SCHOTTKY RECTIFIER
DUAL,COMMON CATHODE
6.0 AMPS, 100 VOLTS
HIGH VOLTAGE
DPAK CASE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CSHD6-100C
is a Silicon Schottky Rectifier designed for surface
mount high voltage applications requiring a low
forward voltage drop.
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
100
V
Average Rectified Forward Current (TC=120°C)
IO
6.0
A
Peak Forward Surge Current (tp=10ms)
IFSM
50
A
Peak Repetitive Reverse Surge Current (tp=2
ms)
IRRM
1.0
A
Critical Rate of Rise of Reverse Voltage
dv/dt
10,000
V/
ms
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
QJC
3.5
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
IR
VR=100V
30
mA
IR
VR=100V, TC=125°C
10
mA
VF
IF=3.0A
0.75
V
VF
IF=3.0A, TC=125°C
0.70
V
VF
IF=6.0A
1.10
V
VF
IF=6.0A, TC=125°C
1.05
V
NEW
DPAK
!


Similar Part No. - CSHD6-100C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHD6-100C CENTRAL-CSHD6-100C_10 Datasheet
424Kb / 2P
SURFACE MOUNT DUAL, COMMON CATHODE HIGH VOLTAGE SILICON SCHOTTKY RECTIFIERS 6 AMP
CSHD6-100C CENTRAL-CSHD6-100C_15 Datasheet
498Kb / 2P
HIGH VOLTAGE SCHOTTKY RECTIFIER
More results

Similar Description - CSHD6-100C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHD6-40C CENTRAL-CSHD6-40C Datasheet
140Kb / 2P
SCHOTTKY RECTIFIER DUAL,COMMON CATHODE 6.0 AMPS, 40 VOLTS
CSHD6-60C CENTRAL-CSHD6-60C Datasheet
139Kb / 2P
SCHOTTKY RECTIFIER DUAL,COMMON CATHODE 6.0 AMPS, 60 VOLTS
CUD6-02C CENTRAL-CUD6-02C Datasheet
139Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DUAL, COMMON CATHODE 6.0 AMPS, 200 VOLTS
logo
Vishay Siliconix
MBR60100CT VISHAY-MBR60100CT_08 Datasheet
99Kb / 4P
Dual Common-Cathode High Voltage Schottky Rectifier
19-May-08
MBR20H150CT VISHAY-MBR20H150CT_11 Datasheet
102Kb / 6P
Dual Common-Cathode High-Voltage Schottky Rectifier
09-Aug-11
logo
Nell Semiconductor Co.,...
MBR10100CT NELLSEMI-MBR10100CT Datasheet
378Kb / 5P
Dual Common Cathode High-Voltage Schottky Rectifier
MBR30100CT NELLSEMI-MBR30100CT Datasheet
198Kb / 4P
Dual Common Cathode High-Voltage Schottky Rectifier,
logo
Bruckewell Technology L...
MBRF1060C BWTECH-MBRF1060C Datasheet
527Kb / 4P
Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
MBR30H90CT VISHAY-MBR30H90CT_15 Datasheet
725Kb / 4P
Dual Common Cathode High Voltage Schottky Rectifier
17-Aug-15
MBR60100CT VISHAY-MBR60100CT_15 Datasheet
82Kb / 5P
Dual Common Cathode High Voltage Schottky Rectifier
13-Aug-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com