Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSHD6-40C Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CSHD6-40C
Description  SCHOTTKY RECTIFIER DUAL,COMMON CATHODE 6.0 AMPS, 40 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSHD6-40C Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CSHD6-40C Datasheet HTML 1Page - Central Semiconductor Corp CSHD6-40C Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
260
MAXIMUM RATINGS: (TC=25
oC unless otherwise noted)
SYMBOL
UNITS
Peak Working Reverse Voltage
VRWM
40
V
DC Blocking Voltage
VR
40
V
Average Rectified Forward Current (TC=125
oC) Per Diode
IO
3.0
A
Average Rectified Forward Current (TC=125
oC) Per Device
IO
6.0
A
Peak Repetitive Forward Current (TC=125
oC)
IFRM
6.0
A
Peak Forward Surge Current
IFSM
75
A
Peak Repetitive Reverse Surge Current (tp=2
µs)
IRRM
1.0
A
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +150
oC
Thermal Resistance, Per Diode
ΘJC
6.0
oC/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TC=25
oC unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=40V
100
µA
IR
VR=40V, TC=125
oC
15
mA
VF
IF=3.0A
0.60
V
VF
IF=3.0A, TC=125
oC
0.45
V
VF
IF=6.0A
0.70
V
VF
IF=6.0A, TC=125
oC
0.625
V
CSHD6-40C
SCHOTTKY RECTIFIER
DUAL,COMMON CATHODE
6.0 AMPS, 40 VOLTS
DPAK CASE
NEW
DESCRIPTION:
The CENTRAL SEMICONDUCTOR
CSHD6-40C, Silicon Schottky Rectifier is a
high quality, well constructed, highly reliable
component designed for use in all types of
commercial, industrial, entertainment,
computer and automotive applications.
DPAK
!


Similar Part No. - CSHD6-40C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHD6-40C CENTRAL-CSHD6-40C_10 Datasheet
424Kb / 2P
SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS 6 AMP
CSHD6-40C CENTRAL-CSHD6-40C_15 Datasheet
498Kb / 2P
SURFACE MOUNT SILICON DUAL, COMMON CATHODE SCHOTTKY RECTIFIER
More results

Similar Description - CSHD6-40C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHD6-100C CENTRAL-CSHD6-100C Datasheet
72Kb / 2P
SCHOTTKY RECTIFIER DUAL,COMMON CATHODE 6.0 AMPS, 100 VOLTS HIGH VOLTAGE
CSHD6-60C CENTRAL-CSHD6-60C Datasheet
139Kb / 2P
SCHOTTKY RECTIFIER DUAL,COMMON CATHODE 6.0 AMPS, 60 VOLTS
CUD6-02C CENTRAL-CUD6-02C Datasheet
139Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DUAL, COMMON CATHODE 6.0 AMPS, 200 VOLTS
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
Dual Common-Cathode Schottky Rectifier
21-Nov-12
MBR25H35CT VISHAY-MBR25H35CT Datasheet
160Kb / 5P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
SBL1630CT VISHAY-SBL1630CT_08 Datasheet
156Kb / 5P
Dual Common-Cathode Schottky Rectifier
07-May-08
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com