Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL062 Datasheet(PDF) 3 Page - Motorola, Inc

Part # TL062
Description  LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TL062 Datasheet(HTML) 3 Page - Motorola, Inc

  TL062 Datasheet HTML 1Page - Motorola, Inc TL062 Datasheet HTML 2Page - Motorola, Inc TL062 Datasheet HTML 3Page - Motorola, Inc TL062 Datasheet HTML 4Page - Motorola, Inc TL062 Datasheet HTML 5Page - Motorola, Inc TL062 Datasheet HTML 6Page - Motorola, Inc TL062 Datasheet HTML 7Page - Motorola, Inc TL062 Datasheet HTML 8Page - Motorola, Inc TL062 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TL062 TL064
3
MOTOROLA ANALOG IC DEVICE DATA
DC ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = –15 V, TA = Tlow to Thigh [Note 4], unless otherwise noted.)
TL062V
TL064V
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (RS = 50 Ω, VO = 0V)
TA = 25°C
TA = Tlow to Thigh
VIO
—
—
3.0
—
6.0
9.0
—
—
3.0
—
9.0
15
mV
Average Temperature Coefficient for Offset Voltage
(RS = 50 Ω, VO = 0 V)
∆VIO/∆T
—
10
—
—
10
—
µV/°C
Input Offset Current (VCM = 0 V, VO = 0 V)
TA = 25°C
TA = Tlow to Thigh
IIO
—
—
5.0
—
100
20
—
—
5.0
—
100
20
pA
nA
Input Bias Current (VCM = 0 V, VO = 0 V)
TA = 25°C
TA = Tlow to Thigh
IIB
—
—
30
—
200
50
—
—
30
—
200
50
pA
nA
Input Common Mode Voltage Range (TA = 25°C)
VICR
—
–11.5
+14.5
–12.0
+11.5
—
—
–11.5
+14.5
–12.0
+11.5
—
V
Large Signal Voltage Gain (RL = 10 kΩ, VO = ±10 V)
TA = 25°C
TA = Tlow to Thigh
AVOL
4.0
4.0
58
—
—
—
4.0
4.0
58
—
—
—
V/mV
Output Voltage Swing (RL = 10 kΩ, VID = 1.0 V)
TA = 25°C
TA = Tlow to Thigh
VO+
VO–
VO+
VO–
+10
—
+10
—
+14
–14
—
—
—
–10
—
–10
+10
—
+10
—
+14
–14
—
—
—
–10
—
–10
V
Common Mode Rejection
(RS = 50 Ω, VCM = VICR min, VO = 0, TA = 25°C)
CMR
80
84
—
80
84
—
dB
Power Supply Rejection
(RS = 50 Ω, VCM = 0 V, VO = 0, TA = 25°C)
PSR
80
86
—
80
86
—
dB
Power Supply Current (each amplifier)
(No Load, VO = 0 V, TA = 25°C)
ID
—
200
250
—
200
250
µA
Total Power Dissipation (each amplifier)
(No Load, VO = 0 V, TA = 25°C)
PD
—
6.0
7.5
—
6.0
7.5
mW
NOTE:
4. Tlow = –40°CThigh = +85°C for TL062,4V
AC ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = –15 V, TA = +25°C, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Slew Rate (Vin = –10 V to +10 V, RL = 10 kΩ, CL = 100 pF, AV = +1.0)
SR
2.0
6.0
—
V/
µs
Rise Time (Vin = 20 mV, RL = 10 kΩ, CL = 100 pF, AV = +1.0)
tr
—
0.1
—
µs
Overshoot (Vin = 20 mV, RL = 10 kΩ, CL = 100 pF, AV = +1.0)
OS
—
10
—
%
Settling Time
(VCC = +15 V, VEE = –15 V, AV = –1.0,
To within 10 mV
RL = 10 kΩ, VO = 0 V to +10 V step)
To within 1.0 mV
tS
—
—
1.6
2.2
—
—
µs
Gain Bandwidth Product (f = 200 kHz)
GBW
—
2.0
—
MHz
Equivalent Input Noise (RS = 100 Ω, f = 1.0 kHz)
en
—
47
—
nV/ Hz
√
Input Resistance
Ri
—
1012
—
W
Channel Separation (f = 10 kHz)
CS
—
120
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com