Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

516-14X Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 516-14X
Description  LED Replacement for SloanLED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

516-14X Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  516-14X Datasheet HTML 1Page - List of Unclassifed Manufacturers 516-14X Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Brilliance by design
SloanLED
copyright 2006 SloanLED
7-7
TM
LED Replacement for
Incandescent Lamps
T-1 3/4 Wedge base LED is
available in all colors. Direct
replacement for T-1 3/4 wedge base
incandescent lamps.
FEATURES
• Available in all colors and voltages
• Long life LEDs
• Low power consumption
• Direct replacement for: 11*, 17, 18,
37, 56, 73, 74, 79, 84, 85 & 86
MODEL 513
MODEL 512
T-3 1/4 Bi-pin LED is available in all
colors. Direct replacement for the T-3
1/4 wedge base bi-pin incandescent
lamps. Unit available in both standard
160 degree viewing angle for
switches and vide viewing applica-
tions and 30 degree for narrow
viewing surfaces that require extra
brightness. Please specify when
ordering. For example: 516-127D for
12vdc white LED for narrow ultra
bright illumination or 516-127 for
12vdc white LED for wide bright
illumination.
FEATURES
• Available in all colors and voltages
• Long life LEDs
• Low power consumption
• Direct replacement for: 124, 147,
152, 158, 159, 161, 168, 184, 190,
192-194, 259, 280, 285, 400, 444,
447, 464, 555, 585, 655, 656, 657,
658, 740, 758, 947, 3-501, 3-504,
3-505, 3-507
MODEL 516
HOW TO ORDER
Voltage
2.5vdc
5vdc
6.3vdc
14vdc
28vdc
Model No.
513-205X*
513-5X
513-603X
513-14X
513-28X
Where the 'X' appears insert: 1-Red, 2-
Green, 3-Yellow, 4-Amber, 5-Ultra Green, 6-
Ultra Blue, 7-Pure White
NOTE:
* External resistor required
* *For voltage/current specs, see page 7-9
HOW TO ORDER
Voltage
5vdc
6vdc
7vdc
12vdc
14vdc
24vdc
28vdc
Model No.
516-5X
516-6X
516-7X
516-12X
516-14X
516-24X
516-28X
Where the 'X' appears insert: 1-Red, 2-
Green, 3-Yellow, 4-Amber, 5-Ultra Green, 6-
Ultra Blue, 7-Pure White
NOTE:
*For voltage/current specs, see page 7-9


Similar Part No. - 516-14X

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
516-120-000-100 EDAC-516-120-000-100 Datasheet
364Kb / 3P
516 Series Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
516-120-000-100 EDAC-516-120-000-100 Datasheet
190Kb / 4P
516 Series,Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
516-120-000-101 EDAC-516-120-000-101 Datasheet
364Kb / 3P
516 Series Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
516-120-000-101 EDAC-516-120-000-101 Datasheet
192Kb / 4P
516 Series,Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
516-120-000-102 EDAC-516-120-000-102 Datasheet
364Kb / 3P
516 Series Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
More results

Similar Description - 516-14X

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSP-1156B152UP12 LUMEX-SSP-1156B152UP12 Datasheet
71Kb / 1P
1156 LED REPLACEMENT LAMP, GREEN.
SSP-1156B153S12 LUMEX-SSP-1156B153S12 Datasheet
72Kb / 1P
1156 LED REPLACEMENT LAMP, YELLOW.
SSP-1156B15912 LUMEX-SSP-1156B15912 Datasheet
111Kb / 1P
1156 LED REPLACEMENT LAMP, WHITE.
logo
Marl International Limi...
209-501-20-38 MARL-209-501-20-38_15 Datasheet
219Kb / 2P
BULB REPLACEMENT LED
208-501-20-38 MARL-208-501-20-38 Datasheet
216Kb / 2P
BULB REPLACEMENT LED
206-501-20-38 MARL-206-501-20-38_15 Datasheet
216Kb / 2P
BULB REPLACEMENT LED
205-501-20-38 MARL-205-501-20-38_15 Datasheet
232Kb / 2P
BULB REPLACEMENT LED
204-501-20-38 MARL-204-501-20-38 Datasheet
222Kb / 2P
BULB REPLACEMENT LED
202-301-20-38 MARL-202-301-20-38_15 Datasheet
233Kb / 2P
BULB REPLACEMENT LED
logo
LUMEX INC.
SSP-1156B156U12 LUMEX-SSP-1156B156U12 Datasheet
90Kb / 1P
1156 LED REPLACEMENT LAMP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com