Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXSH-4 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CXSH-4
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CXSH-4 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CXSH-4 Datasheet HTML 1Page - Central Semiconductor Corp CXSH-4 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
V
DC Blocking Voltage
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Forward Current
IO
1.0
A
Peak Forward Surge Current (8.3ms, Non-Rep.)
IFSM
10
A
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=40V
1.0
mA
IR
VR=40V, TA=100°C
10
mA
VF
IF=1.0A
0.55
V
CXSH-4
SURFACE MOUNT
SCHOTTKY BARRIER RECTIFIER
SOT-89 CASE
Central
Semiconductor Corp.
TM
R3 ( 19-December 2001)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CXSH-4
type is a Schottky barrier rectifier mounted in an
epoxy molded case using a metal to silicon
junction to yield low forward voltage drop. This
device utilizes a single chip with anode
connections made to PIN 1 and PIN 3.


Similar Part No. - CXSH-4

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXSH-4 CENTRAL-CXSH-4_10 Datasheet
353Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CXSH-4 CENTRAL-CXSH-4_15 Datasheet
353Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
More results

Similar Description - CXSH-4

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com