Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E910.97 Datasheet(PDF) 4 Page - ELMOS Semiconductor AG

Part # E910.97
Description  INTERGRATED CIRCUIT FOR PIR SMART SENSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E910.97 Datasheet(HTML) 4 Page - ELMOS Semiconductor AG

  E910.97 Datasheet HTML 1Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 2Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 3Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 4Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 5Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 6Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 7Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 8Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 9Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4/9
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0091E.00
PRELIMINARY INFORMATION - JUL 28, 2011
This document contains information on a pre-production product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
INTEGRATED CIRCUIT FOR PIR SMART SENSOR
E910.97
Electrical Characteristics_______________________________________
Absolute Maximum Ratings
Parameter
Symbol Min
Max
Unit Remarks
Supply Voltage
VDD
-0.3
3.6
V
Current into any pin
-100
100
mA
One pin at a time
Storage Temperature
Tst
-45
125
°
C
Table 3: Electrical Characteristics
Stresses beyond those listed above may cause permanent damage to the device. Exposure to absolute maximum ratings may affect
the device reliability. ESD protection: all pins will be able to withstand a discharge of a 100pF capacitor charged to 1.6kV through a
1500Ω series resistor. Test method: MIL-STD-883D method 3015.
Operating Conditions (T=25°C, unless stated otherwise)
Parameter
Symbol
Min
Typ
Max
Unit
Remarks
Temperature
Operating temperature range
-25
85
°
C
Regulator
Shunt regulator current
IR
5
mA
Supply current, ENREG=VDD
IDD
40
µA
VDD < Regulator voltage,
Outputs unloaded
Supply current, ENREG=VSS
IDD
15
µA
Regulator not active,
VDD=3.3V (Bond option)
Regulator voltage
VDD
2.7
3.3
V
IR = 0.5mA
Input OEN
Input low voltage
VIL
20
%VDD
Input high voltage
VIH
80
%VDD
Digital test-mode
VIDT
VSS-0.3
VSS-0.1
V
Analog test-mode
VIAT
VDD+0.1
VDD+0.3
V
Input Current
II
-1
1
µA
VSS<VIN<VDD
Input Current – Analog test mode
IAT
20
µA
VIAT=-0.5V
Input Current – Digital test mode
IDT
-20
µA
VIDT=VDD+0.5V
Output REL
Output current high
IOH
-10
mA
VOL>(VDD-1V)
Output current low
IOL
10
mA
VOL<1V
Inputs SENS, ONTIME
Input voltage range
0
VDD
Adjustment between 0V
and ¼ VDD
Input leakage current
-1
1
µA
PIRIN / NPIRIN Inputs
PIRIN /NPIRIN input resistance to VSS
20
GΩ
-60mV < VIN < 60mV
PIRIN /NPIRIN input resistance differential
40
GΩ
-60mV < VIN < 60mV
PIRIN input voltage range
-60
60
mV
Oscillator and Filter
LPF cutoff frequency
7
Hz
HPF cutoff frequency
0.44
Hz
On chip oscillator frequency
FCLK
64
kHz
System Clock
C_G
FCLK/2
Table 4: Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com