Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33404 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 33404
Description  Wiha T-handle Hex Tools
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

33404 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  33404 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toll Free: (800) 494-6104
Wiha Quality Tools
See Product Category Index
50
Hex Driver, With Wiha T-handle Blade CVM steel, hardened,
nickel-plated. Chamfered tip for easy insertion. Wiha-T-handle high
quality plastic, impact resistant.
Item
No.
mm
mm
mm
mm
Inch
lbs.
pkg.
334 01
2.0
100
80
126
4.9
.05
10
334 36
2.0
200
80
226
8.9
.05
10
334 02
2.5
100
80
126
4.9
.05
10
334 37
2.5
200
80
226
8.9
.08
10
334 03
3.0
100
80
126
4.9
.05
10
334 04
3.0
150
80
176
6.9
.08
10
334 05
3.0
200
80
226
8.9
.09
10
334 35
3.0
350
100
382
15.0
.22
10
334 06
4.0
100
80
126
4.9
.07
10
334 07
4.0
150
80
176
6.9
.10
10
334 08
4.0
200
80
226
8.9
.09
10
334 38
4.0
350
100
382
15.0
.26
10
334 09
5.0
100
100
132
5.2
.13
10
334 10
5.0
150
100
182
7.1
.17
10
334 11
5.0
200
100
232
9.1
.16
10
334 12
5.0
350
100
382
15.0
.26
10
334 13
5.0
450
120
488
19.1
.53
10
334 14
6.0
100
100
132
5.2
.14
10
334 15
6.0
150
100
182
7.1
.18
10
334 16
6.0
200
100
232
9.1
.20
10
334 17
6.0
350
100
382
15.0
.32
10
334 19
7.0
200
100
232
9.1
.22
10
334 21
8.0
100
100
132
5.2
.20
10
334 23
8.0
200
100
232
9.1
.29
10
334 34
8.0
350
100
372
14.6
.48
10
334 25
10.0
100
120
138
5.4
.34
10
334 27
10.0
200
120
238
9.3
.49
10
334 29
12.0
200
120
238
9.3
.58
10
Set 10 Pc. Hex Driver T-handle Inch Sizes
Item
No.
Inch Inch
Inch
Inch
lbs.
334 92
334 53
3/32 6.0
334 68
3/16
6.0
1.74
334 56
7/64 6.0
334 71
7/32
6.0
334 59
1/8
6.0
334 74
1/4
6.0
334 62
9/64 6.0
334 77
5/16
6.0
334 65
5/32 6.0
334 80
3/8
6.0
Ergonomic handle design for high torque
Smooth edges prevent
injuries & eliminate
pressure marks
Hole for
hanging
Handle is molded
directly onto blade
Blade CVM tool
steel, hardened,
nickel-plated
334 92
Set 8 Pc. Hex Driver T-handle Inch Sizes - In metal stand
Item
No.
Inch Inch
Inch
Inch
lbs.
334 84
334 59
1/8
6.0
334 71
7/32
6.0
3.07
334 62
9/64 6.0
334 74
1/4
6.0
334 65
5/32 6.0
334 77
5/16
6.0
334 68
3/16 6.0
334 80
3/8
6.0
334 84
Set 8 Pc. Hex Driver T-handle Metric Sizes
Item
No.
mm
mm
mm
mm
lbs.
334 93
334 01
2.0
100
334 09
5.0
100
1.64
334 02
2.5
100
334 16
6.0
200
334 03
3.0
100
334 23
8.0
200
334 06
4.0
100
334 27
10.0
200
334 93
Set 8 Pc. Hex Driver T-handle Metric Sizes - In metal stand
Item
No.
mm
mm
mm
mm
lbs.
334 88
334 01
2.0
100
334 10
5.0
150
3.07
334 02
2.5
100
334 15
6.0
150
334 03
3.0
100
334 23
8.0
200
334 06
4.0
100
334 27
10.0
200
334 88
Item
No.
Inch
Inch
Inch
Inch
lbs.
pkg.
334 53
3/32
6.0
2.8
7.0
.05
10
334 56
7/64
6.0
2.8
7.0
.05
10
334 59
1/8
6.0
2.8
7.0
.06
10
334 62
9/64
6.0
2.8
7.0
.07
10
334 65
5/32
6.0
2.8
7.0
.08
10
334 68
3/16
6.0
3.5
7.0
.13
10
334 71
7/32
6.0
3.5
7.0
.16
10
334 74
1/4
6.0
3.5
7.0
.18
10
334 77
5/16
6.0
3.5
7.0
.25
10
334 80
3/8
6.0
4.1
7.0
.39
10
334
Yellow = Inch
Red = Metric
Wiha T-handle Hex Tools
#33484
#33488
NEW
From
Wiha
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
PREVIOUS
NEXT
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP


Similar Part No. - 33404

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3340 3M-3340 Datasheet
143Kb / 5P
3M™ Aluminum Foil Tape 3340
Jul-2018
logo
List of Unclassifed Man...
3340 ETC-3340 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3340 HEYCO-3340 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
Tenma
3340 TENMA-3340 Datasheet
129Kb / 1P
Mini Digital Clamp Meter
logo
Peregrine Semiconductor...
3340-00 PEREGRINE-3340-00 Datasheet
141Kb / 12P
3.0 GHz Integer-N PLL for Low Phase Noise Applications
More results

Similar Description - 33404

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20011 ETC2-20011 Datasheet
129Kb / 1P
Wiha Quality Tools
32641 ETC-32641 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools Ergonomic handle design for high torque
43622 ETC2-43622 Datasheet
163Kb / 1P
Wiha Quality Tools
44222 ETC2-44222 Datasheet
379Kb / 1P
Wiha Quality Tools
35305 ETC2-35305 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
35307 ETC2-35307 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
60213 ETC2-60213 Datasheet
191Kb / 1P
Wiha Quality Tools Wiha 3/8 Sockets & Sets
74309 ETC2-74309 Datasheet
303Kb / 1P
Wiha Quality Tools Slotted Bits
36442 ETC2-36442 Datasheet
226Kb / 1P
Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
36590 ETC2-36590 Datasheet
280Kb / 1P
Wiha TORX Tools Wiha TORX Plus Tools
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com