Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCX1C271MCS1GS Datasheet(PDF) 2 Page - Nichicon corporation

Part # PCX1C271MCS1GS
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCX1C271MCS1GS Datasheet(HTML) 2 Page - Nichicon corporation

  PCX1C271MCS1GS Datasheet HTML 1Page - Nichicon corporation PCX1C271MCS1GS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
CX
series
Standard Ratings
Rated Voltage
(V)(code)
Surge Voltage
(V)
ESR (m
Ω)
(at 100kHz 20
。
C)
Rated Ripple(mArms)
Rated Capacitance
(
µF)
Case Size
φD × L (mm)
tan
δ
Part Number
Leakage Current
(
µA)
Ambient temperature of a capacitor
PCX1C470MCL1GS
PCX1C820MCL1GS
PCX1C820MCS1GS
PCX1C101MCL1GS
PCX1C101MCS1GS
PCX1C151MCL6GS
PCX1C151MCS1GS
PCX1C151MCL1GS
PCX1C221MCL1GS
PCX1C271MCL1GS
PCX1C271MCS1GS
PCX1C391MCL1GS
PCX1D330MCL1GS
PCX1D560MCL1GS
PCX1D560MCS1GS
PCX1D680MCL1GS
PCX1D680MCS1GS
PCX1D121MCL6GS
PCX1D121MCS1GS
PCX1D121MCL1GS
PCX1D151MCL1GS
PCX1D181MCL1GS
PCX1D181MCS1GS
PCX1D271MCL1GS
PCX1E220MCL1GS
PCX1E390MCL1GS
PCX1E390MCS1GS
PCX1E560MCL1GS
PCX1E560MCS1GS
PCX1E820MCL6GS
PCX1E820MCS1GS
PCX1E820MCL1GS
PCX1E121MCL6GS
PCX1E121MCL1GS
PCX1E121MCS1GS
PCX1E181MCL1GS
PCX1V100MCL1GS
PCX1V180MCL1GS
PCX1V180MCS1GS
PCX1V270MCL1GS
PCX1V270MCS1GS
PCX1V390MCL6GS
PCX1V390MCS1GS
PCX1V390MCL1GS
PCX1V560MCL1GS
PCX1V680MCL1GS
PCX1V680MCS1GS
PCX1V101MCS1GS
PCX1V101MCL1GS
PCX1H5R6MCL1GS
PCX1H100MCL1GS
PCX1H100MCS1GS
PCX1H120MCL1GS
PCX1H120MCS1GS
PCX1H220MCL6GS
PCX1H220MCS1GS
PCX1H220MCL1GS
PCX1H270MCL1GS
PCX1H330MCL1GS
PCX1H330MCS1GS
PCX1H470MCL1GS
1000
1300
1300
1500
1500
2000
2000
1900
2300
2300
2300
2700
900
1300
1300
1450
1450
1900
1900
1800
2200
2300
2300
2700
900
1200
1200
1400
1400
1900
1900
1800
2200
2200
2200
2600
800
1100
1100
1300
1300
1800
1800
1700
2000
2200
2200
2400
2600
700
1000
1000
1100
1100
1700
1700
1400
2000
2200
2200
2500
390
530
530
460
460
780
780
830
870
830
830
1040
380
500
500
470
470
770
770
810
860
800
800
1020
360
480
480
450
450
760
760
800
850
790
790
1010
310
450
450
450
450
700
700
750
780
740
740
800
990
280
410
410
380
380
680
680
730
760
630
630
970
55
45
45
33
33
28
28
33
27
27
27
26
60
50
50
34
34
29
29
35
28
28
28
27
65
55
55
35
35
30
30
36
29
29
29
28
85
60
60
45
45
35
35
41
33
30
30
25
29
105
75
75
65
65
37
37
56
35
31
31
30
150
262
262
320
320
480
480
480
704
864
864
1248
132
224
224
272
272
480
480
480
600
720
720
1080
110
195
195
280
280
410
410
410
600
600
600
900
70
126
126
189
189
273
273
273
392
476
476
700
700
56
100
100
120
120
220
220
220
270
330
330
470
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
6.3 × 6
8 × 7
8 × 7.5
6.3 × 8
6.3 × 8
8 × 10
8 × 10.5
10 × 8
8 × 12
10 × 10
10 × 10.5
10 × 12.7
6.3 × 6
8 × 7
8 × 7.5
6.3 × 8
6.3 × 8
8 × 10
8 × 10.5
10 × 8
8 × 12
10 × 10
10 × 10.5
10 × 12.7
6.3 × 6
8 × 7
8 × 7.5
6.3 × 8
6.3 × 8
8 × 10
8 × 10.5
10 × 8
8 × 12
10 × 10
10 × 10.5
10 × 12.7
6.3 × 6
8 × 7
8 × 7.5
6.3 × 8
6.3 × 8
8 × 10
8 × 10.5
10 × 8
8 × 12
10 × 10
10 × 10.5
10 × 10.5
10 × 12.7
6.3 × 6
 8 × 7
8 × 7.5
6.3 × 8
6.3 × 8
8 × 10
8 × 10.5
10 × 8
8 × 12
10 × 10
10 × 10.5
10 × 12.7
47
82
82
100
100
150
150
150
220
270
270
390
33
56
56
68
68
120
120
120
150
180
180
270
22
39
39
56
56
82
82
82
120
120
120
180
10
18
18
27
27
39
39
39
56
68
68
100
100
5.6
10
10
12
12
22
22
22
27
33
33
47
23.0
28.7
40.2
57.5
18.4
16
(
1C)
20
(
1D)
25
(
1E)
35
(
1V)
50
(
1H)
No marked,
will be put at 12th digit of type numbering system.
1
Rated ripple current (mArms) at 105°C 100kHz
: In this case,
will be put at 12th digit of type numbering system.
6
Taping specifications are given in page 23.
Recommended land size, soldering by reflow are given in page 18, 19.
Please refer to page 3 for the minimum order quantity.
CAT.8100C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com