Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3100SCMC Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # P3100SCMC
Description  SIDACtor Protection Thyristors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

P3100SCMC Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  P3100SCMC Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD P3100SCMC Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD P3100SCMC Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD P3100SCMC Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD P3100SCMC Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
(micro capacitance)
Electrical Characteristics
Part Number
Marking
VDRM
@IDRM=5μA
VS
@100V/
μs
IH
IS
IT
VT
@IT=2.2Amps
Capacitance
@1MHz,2V bias
V min
V max
mA min
mA max
A max
Vmax
pF
P0080SCMC
P008C
6
25
50
800
2.2
4
50
P0300SCMC
P03C
25
40
50
800
2.2
4
45
P0640SCMC
P06C
58
77
150
800
2.2
4
45
P0720SCMC
P07C
65
88
150
800
2.2
4
45
P0900SCMC
P09C
75
98
150
800
2.2
4
50
P1100SCMC
P11C
90
130
150
800
2.2
4
45
P1300SCMC
P13C
120
160
150
800
2.2
4
70
P1500SCMC
P15C
140
180
150
800
2.2
4
40
P1800SCMC
P18C
170
220
150
800
2.2
4
40
P2100SCMC
P21C
180
240
150
800
2.2
4
65
P2300SCMC
P23C
190
260
150
800
2.2
4
50
P2600SCMC
P26C
220
300
150
800
2.2
4
50
P3100SCMC
P31C
275
350
150
800
2.2
4
40
P3500SCMC
P35C
320
400
150
800
2.2
4
35
Notes:
-All measurements are made at an ambient temperature of 25°C .Ipp applies to -40°C through +85°C temperature
range .
*For surge ratings,see next page.
2
Revised:February 25,2014
www.huaandz.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com