Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N60L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2N60L-TN3-R
Description  2A, 600V N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N60L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2N60L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2N60L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2N60L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2N60L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2N60L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 2N60L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 2N60L-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-053.W
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
6
7
8
2N60L-TA3-T
2N60G-TA3-T
TO-220
G
D
S
-
-
-
-
-
Tube
2N60L-TF1-T
2N60G-TF1-T
TO-220F1
G
D
S
-
-
-
-
-
Tube
2N60L-TF3-T
2N60G-TF3-T
TO-220F
G
D
S
-
-
-
-
-
Tube
2N60L-TF3T-T
2N60G-TF3T-T
TO-220F3
G
D
S
-
-
-
-
-
Tube
2N60L-TM3-T
2N60G-TM3-T
TO-251
G
D
S
-
-
-
-
-
Tube
2N60L-TMA-T
2N60G-TMA-T
TO-251L
G
D
S
-
-
-
-
-
Tube
2N60L-TMS-T
2N60G-TMS-T
TO-251S
G
D
S
-
-
-
-
-
Tube
2N60L-TN3-R
2N60G-TN3-R
TO-252
G
D
S
-
-
-
-
-
Tape Reel
2N60L-TND-R
2N60G-TND-R
TO-252D
G
D
S
-
-
-
-
-
Tape Reel
2N60L-T2Q-T
2N60G-T2Q-T
TO-262
G
D
S
-
-
-
-
-
Tube
2N60L-T60-K
2N60G-T60-K
TO-126
G
D
S
-
-
-
-
-
Bulk
2N60L-T6C-K
2N60G-T6C-K
TO-126C
G
D
S
-
-
-
-
-
Bulk
2N60L-E-K08-5060-R
2N60G-E-K08-5060-R
DFN-8(5×6)
S
S
S
G
D
D
D
D
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain S: Source
MARKING INFORMATION
PACKAGE
MARKING
TO-220
TO-220F
TO-220F1
TO-220F3
TO-251
TO-251L
TO-251S
TO-252
TO-252D
TO-262
TO-126
TO-126C
DFN-8(5×6)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com